Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC125 Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce 74AHC125
Description  QUADRUPLE 3-STATE BUFFERS OE LOW
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC125 Fiches technique(HTML) 2 Page - Diodes Incorporated

  74AHC125 Datasheet HTML 1Page - Diodes Incorporated 74AHC125 Datasheet HTML 2Page - Diodes Incorporated 74AHC125 Datasheet HTML 3Page - Diodes Incorporated 74AHC125 Datasheet HTML 4Page - Diodes Incorporated 74AHC125 Datasheet HTML 5Page - Diodes Incorporated 74AHC125 Datasheet HTML 6Page - Diodes Incorporated 74AHC125 Datasheet HTML 7Page - Diodes Incorporated 74AHC125 Datasheet HTML 8Page - Diodes Incorporated 74AHC125 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74AHC125
Document number: DS35345 Rev. 3 - 2
2 of 9
www.diodes.com
January 2013
© Diodes Incorporated
74AHC125
Pin Descriptions
Pin
Number
Pin Name
Function
1
1OE
Data Enable Input (active low)
2
1A
Data Input
3
1Y
Data Output
4
2OE
Data Enable Input (active low)
5
2A
Data Input
6
2Y
Data Output
7
GND
Ground
8
3Y
Data Output
9
3A
Data Input
10
3OE
Data Enable Input (active low)
11
4Y
Data Output
12
4A
Data Input
13
4OE
Data Enable Input (active low)
14
VCC
Supply Voltage
Function Table
Inputs
Output
OE
A
Y
L
H
H
L
L
L
H
X
Z
Logic Diagram
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +7.0
V
VI
Input Voltage Range
-0.5 to +7.0
V
IIK
Input Clamp Current
VI < -0.5V
-20
mA
IOK
Output Clamp Current VO < -0.5V
-20
mA
IOK
Output Clamp Current
VO > VCC + 0.5V
25
mA
IO
Continuous Output Current -0.5V < VO VCC +0.5V
+/- 25
mA
ICC
Continuous Current Through VCC
75
mA
IGND
Continuous Current Through GND
-75
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Note:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should
be within recommend values.


Numéro de pièce similaire - 74AHC125

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74AHC125 NXP-74AHC125 Datasheet
93Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-11 January 2008
logo
Nexperia B.V. All right...
74AHC125 NEXPERIA-74AHC125 Datasheet
250Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 12 June 2020
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74AHC125BQ NXP-74AHC125BQ Datasheet
93Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-11 January 2008
More results

Description similaire - 74AHC125

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HCT125 DIODES-74HCT125 Datasheet
284Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC126 DIODES-74AHC126 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HC126 DIODES-74HC126 Datasheet
312Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com