Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCU04 Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce 74AHCU04
Description  UNBUFFERED HEX INVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCU04 Fiches technique(HTML) 4 Page - Diodes Incorporated

  74AHCU04 Datasheet HTML 1Page - Diodes Incorporated 74AHCU04 Datasheet HTML 2Page - Diodes Incorporated 74AHCU04 Datasheet HTML 3Page - Diodes Incorporated 74AHCU04 Datasheet HTML 4Page - Diodes Incorporated 74AHCU04 Datasheet HTML 5Page - Diodes Incorporated 74AHCU04 Datasheet HTML 6Page - Diodes Incorporated 74AHCU04 Datasheet HTML 7Page - Diodes Incorporated 74AHCU04 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74AHCU04
Document number: DS35347 Rev. 3 - 2
4 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHCU04
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL = 15pF
3.0V to 3.6V
0.5
3.0
7.1
0.5
8.0
0.5
9.0
ns
4.5V to 5.5V
0.5
2.4
5.5
0.5
6.5
0.5
7.0
Figure 1
CL = 50pF
3.0V to 3.6V
0.5
3.4
10.6
0.5
12.0
0.5
13.5
4.5V to 5.5V
0.5
3.5
7.0
0.5
8.0
0.5
9.0
Parameter Measurement Information
VCC
Inputs
VM
CL
VI
tr/tf
3.3V to -3.6V
VCC
3ns
VCC/2
15pF, 50pF
4.5V to 5.5V
VCC
3ns
VCC/2
15pF, 50pF
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1 Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 1 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


Numéro de pièce similaire - 74AHCU04

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCU04 PHILIPS-74AHCU04 Datasheet
87Kb / 16P
   Hex inverter
1999 Sep 27
74AHCU04 NXP-74AHCU04 Datasheet
88Kb / 14P
   Hex inverter
Rev. 03-14 November 2007
logo
Nexperia B.V. All right...
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
74AHCU04-Q100 NEXPERIA-74AHCU04-Q100 Datasheet
752Kb / 15P
   Hex unbuffered inverter
logo
NXP Semiconductors
74AHCU04BQ NXP-74AHCU04BQ Datasheet
88Kb / 14P
   Hex inverter
Rev. 03-14 November 2007
More results

Description similaire - 74AHCU04

FabricantNo de pièceFiches techniqueDescription
logo
Integral Corp.
IN74HCU04A INTEGRAL-IN74HCU04A Datasheet
200Kb / 6P
   Hex Unbuffered Inverters
logo
Diodes Incorporated
74HCU04 DIODES-74HCU04 Datasheet
229Kb / 9P
   UNBUFFERED HEX INVERTERS
logo
System Logic Semiconduc...
SL74HCU04 SLS-SL74HCU04 Datasheet
31Kb / 4P
   Hex Unbuffered Inverters(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCU04A KODENSHI-KK74HCU04A Datasheet
214Kb / 6P
   Hex Unbuffered Inverters High-Performance Silicon-Gate CMOS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com