Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP2G06 Fiches technique(PDF) 5 Page - Diodes Incorporated

No de pièce 74AUP2G06
Description  DUAL INVERTERS WITH OPEN DRAIN OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G06 Fiches technique(HTML) 5 Page - Diodes Incorporated

  74AUP2G06 Datasheet HTML 1Page - Diodes Incorporated 74AUP2G06 Datasheet HTML 2Page - Diodes Incorporated 74AUP2G06 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G06 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G06 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G06 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G06 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G06 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G06 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74AUP2G06
Document number: DS35510 Rev. 4 - 2
5 of 12
www.diodes.com
May 2014
© Diodes Incorporated
74AUP2G06
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +125°C
Unit
Min
Max
VIH
High-Level Input Voltage
0.8V to 1.65V
0.80 X VCC
V
1.65V to 1.95V
0.70 X VCC
2.3V to 2.7V
1.6
3.0V to 3.6V
2.0
VIL
Low-Level Input voltage
0.8V to 1.65V
0.25 X VCC
V
1.65V to 1.95V
0.30 X VCC
2.3V to 2.7V
0.7
3.0V to 3.6V
0.9
VOL
Low-Level Output Voltage
IOL = 20μA
0.8V to 3.6V
0.11
V
IOL = 1.1mA
1.1V
0.33 X VCC
IOL = 1.7mA
1.4V
0.41
IOL = 1.9mA
1.65V
0.39
IOL = 2.3mA
2.3V
0.36
IOL = 3.1mA
0.50
IOL = 2.7mA
3V
0.36
IOL = 4mA
0.50
II
Input Current
A or B Input, VI = GND to 3.6V
0V to 3.6V
± 0.75
μA
IOZ
Z State
Leakage Current
VO = 3.6V, Vi = 3.6V
3.6V
± 0.75
μA
IOFF
Power Down Leakage Current
VI or VO = 0V to 3.6V
0V
± 0.75
μA
∆IOFF
Delta Power Down Leakage
Current
VI or VO = 0V to 3.6V
0V to 0.2V
± 2.5
μA
ICC
Supply Current
VI = GND or VCC, IO = 0
0.8V to 3.6V
1.4
μA
∆ICC
Additional Supply Current
Input at VCC -0.6V Other inputs
at VCC or GND
3.3V
75
μA
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test
Conditions
VCC
Typ
Unit
Cpd
Power Dissipation Capacitance
f = 1MHz
No Load
0.8V
0.5
pF
1.2V ± 0.1V
0.6
1.5V ± 0.1V
0.7
1.8V ± 0.15V
0.7
2.5V ± 0.2V
1.0
3.3V ± 0.3V
1.2
CI
Input Capacitance
VI = VCC or GND
0V or 3.3V
2.0
pF
CO
Output Capacitance
VO = VCC or GND
0V
2.0
pF


Numéro de pièce similaire - 74AUP2G06

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP2G06 NXP-74AUP2G06 Datasheet
125Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 4-6 December 2011
logo
Nexperia B.V. All right...
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
   Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
74AUP2G0604 NEXPERIA-74AUP2G0604 Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
74AUP2G0604GF NEXPERIA-74AUP2G0604GF Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
74AUP2G0604GM NEXPERIA-74AUP2G0604GM Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
More results

Description similaire - 74AUP2G06

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC2G06 NXP-74LVC2G06 Datasheet
88Kb / 15P
   Inverters with open-drain outputs
Rev. 03-21 May 2007
logo
Unisonic Technologies
U74LVC2G06 UTC-U74LVC2G06 Datasheet
173Kb / 5P
   INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC2G06 NEXPERIA-74LVC2G06 Datasheet
256Kb / 17P
   Inverters with open-drain outputs
Rev. 9 - 24 January 2022
logo
NXP Semiconductors
74LVC2G06 PHILIPS-74LVC2G06 Datasheet
84Kb / 14P
   Inverters with open-drain outputs
2004 Sep 10
logo
Unisonic Technologies
U74LVC2G06 UTC-U74LVC2G06_15 Datasheet
173Kb / 5P
   INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC2G06-Q100 NEXPERIA-74LVC2G06-Q100 Datasheet
779Kb / 13P
   Inverters with open-drain outputs
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com