Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G34Z-7 Fiches technique(PDF) 5 Page - Diodes Incorporated

No de pièce 74LVC1G34Z-7
Description  SINGLE BUFFER GATE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G34Z-7 Fiches technique(HTML) 5 Page - Diodes Incorporated

  74LVC1G34Z-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G34Z-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G34Z-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G34Z-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G34Z-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G34Z-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G34Z-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G34Z-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G34Z-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74LVC1G34
Document number: DS36108 Rev. 3 - 2
5 of 15
www.diodes.com
March 2014
© Diodes Incorporated
74LVC1G34
Electrical Characteristics (@VCC = 3.3V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
VOH
High Level Output
Voltage
IOH = -100μA
1.65V to 5.5V
VCC – 0.1
VCC – 0.1
V
IOH = -4mA
1.65V
1.2
0.95
IOH = -8mA
2.3V
1.9
1.7
IOH = -12mA
2.7V
2.2
1.9
IOH = -16mA
3V
2.4
2.2
IOH = -24mA
2.3
2.0
IOH = -32mA
4.5V
3.8
3.4
VOL
Low Level Output
Voltage
IOL = 100μA
1.65V to 5.5V
0.1
0.1
V
IOL = 4mA
1.65V
0.45
0.7
IOL = 8mA
2.3V
0.3
0.45
IOL = 12mA
2.7V
0.4
0.6
IOL = 16mA
3V
0.4
0.6
IOL = 24mA
0.55
0.8
IOL = 32mA
4.5V
0.55
.8
II
Input Current
VI = 5.5V or GND
0V to 5.5V
± 0.1
±5
± 100
μA
IOFF
Power Down
Leakage Current
VI or VO = 5.5V
0V
±10
±200
μA
ICC
Supply Current
VI = 5.5V or GND,
IO = 0
5.5V
0.1
10
200
μA
∆ICC
Additional Supply
Current
Input at VCC –0.6V
3V to 5.5V
500
5000
μA
CI
Input Capacitance
VI = VCC – or GND
3.3V
5
pF
Package Characteristics (@VCC = 3.3V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
Min
Typ.
Max
Unit
θJA
Thermal Resistance
Junction-to-Ambient
SOT25
(Note 9)
204
oC/W
SOT353
371
SOT553
231
X2-DFN0808-4
400
X1-DFN1010-6
435
X2-DFN1010-6
445
X2-DFN1409-6
470
X2-DFN1410-6
460
θJC
Thermal Resistance
Junction-to-Case
SOT25
(Note 9)
52
oC/W
SOT353
143
SOT553
105
X2-DFN0808-4
225
X1-DFN1010-6
250
X2-DFN1010-6
250
X2-DFN1409-6
275
X2-DFN1410-6
265
Note: 9. Test condition for each of the 8 package types: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.


Numéro de pièce similaire - 74LVC1G34Z-7

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G34 NXP-74LVC1G34 Datasheet
82Kb / 15P
   Single buffer
Rev. 02-21 May 2007
logo
Silicon Supplies
74LVC1G34 SS-74LVC1G34 Datasheet
484Kb / 6P
   Single Buffer Gate in bare die form
logo
Nexperia B.V. All right...
74LVC1G34 NEXPERIA-74LVC1G34 Datasheet
271Kb / 18P
   Single buffer
Rev. 9 - 18 January 2022
74LVC1G34-Q100 NEXPERIA-74LVC1G34-Q100 Datasheet
780Kb / 13P
   Single buffer
logo
NXP Semiconductors
74LVC1G34GF NXP-74LVC1G34GF Datasheet
82Kb / 15P
   Single buffer
Rev. 02-21 May 2007
More results

Description similaire - 74LVC1G34Z-7

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34Q DIODES-74LVC1G34Q Datasheet
518Kb / 9P
   SINGLE BUFFER GATE
June 2020 Rev. 2 - 2
74AUP1G34 DIODES-74AUP1G34 Datasheet
204Kb / 11P
   SINGLE BUFFER GATE
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
   SINGLE BUS BUFFER GATE
U74AHC1G126 UTC-U74AHC1G126_15 Datasheet
240Kb / 6P
   SINGLE BUS BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com