Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP110N55F6 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STP110N55F6
Description  N-channel 55 V, 4.3 m, 110 A TO-220 STripFET VI DeepGATE Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP110N55F6 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STP110N55F6 Datasheet HTML 3Page - STMicroelectronics STP110N55F6 Datasheet HTML 4Page - STMicroelectronics STP110N55F6 Datasheet HTML 5Page - STMicroelectronics STP110N55F6 Datasheet HTML 6Page - STMicroelectronics STP110N55F6 Datasheet HTML 7Page - STMicroelectronics STP110N55F6 Datasheet HTML 8Page - STMicroelectronics STP110N55F6 Datasheet HTML 9Page - STMicroelectronics STP110N55F6 Datasheet HTML 10Page - STMicroelectronics STP110N55F6 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package mechanical data
STP110N55F6
8/11
Doc ID 019059 Rev 1
Table 8.
TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.70
c
0.48
0.70
D
15.25
15.75
D1
1.27
E10
10.40
e
2.40
2.70
e1
4.95
5.15
F
1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L30
28.90
P
3.75
3.85
Q
2.65
2.95


Numéro de pièce similaire - STP110N55F6

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP110N10F7 STMICROELECTRONICS-STP110N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 5.1 m廓 typ., 110 A, STripFET??VII DeepGATE?? Power MOSFETs in TO-220FP and TO-220 packages
July 2013 Rev 2
logo
Inchange Semiconductor ...
STP110N10F7 ISC-STP110N10F7 Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
STP110N10F7 DOINGTER-STP110N10F7 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
logo
STMicroelectronics
STP110N7F6 STMICROELECTRONICS-STP110N7F6 Datasheet
650Kb / 13P
   N-channel 68 V, 0.0055 Ω typ., 110 A, STripFET™ F6 Power MOSFET in a TO-220 package
October 2016
STP110N8F6 STMICROELECTRONICS-STP110N8F6 Datasheet
557Kb / 13P
   Very low on-resistance
December 2014 Rev 2
More results

Description similaire - STP110N55F6

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP90N55F4 STMICROELECTRONICS-STP90N55F4 Datasheet
526Kb / 13P
   N-channel 55 V, 0.0064 , 90 A, TO-220 STripFET DeepGATE Power MOSFET
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
   N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
STP210N75F6 STMICROELECTRONICS-STP210N75F6 Datasheet
693Kb / 13P
   N-channel 75 V, 3 m廓, 120 A TO-220 STripFET??VI DeepGATE??Power MOSFET
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
   N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
   N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
STI400N4F6 STMICROELECTRONICS-STI400N4F6 Datasheet
181Kb / 11P
   N-channel 40 V, 120 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAK and TO-220 packages
August 2012 Rev 1
STI360N4F6 STMICROELECTRONICS-STI360N4F6 Datasheet
183Kb / 11P
   N-channel 40 V, 120 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAK and TO-220 packages
August 2012 Rev 1
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STD44N4LF6 STMICROELECTRONICS-STD44N4LF6 Datasheet
1,001Kb / 15P
   N-channel 40 V, 8.9 m廓, 44 A DPAK STripFET??VI DeepGATE??Power MOSFET
STP80N6F6 STMICROELECTRONICS-STP80N6F6 Datasheet
465Kb / 12P
   Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET??VI DeepGATE??Power MOSFET in a TO-220 package
January 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com