Moteur de recherche de fiches techniques de composants électroniques |
|
NFA18SL227V1A45L Fiches technique(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
NFA18SL227V1A45L Fiches technique(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 3 page 1 Data Sheet !Note: 1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. http://www.murata.com/ 1 Noise Suppression Products/EMI Suppression Filters > EMIFIL r (LC Combined) > Array 2013.11.11 oThis data sheet is applied for LC Combined CHIP EMIFILr used for General Electronics equipment for your design. EMIFIL r (LC Combined) Array NFA18SL_V Series (0603 Size) (3)(4)(5)(6): IN (OUT) (7)(8)(9)(10): OUT (IN) 0.2±0.1 0.15±0.1 0.2±0.1 0.25±0.1 T 1.6±0.1 0.4±0.05 (3) (5) (6) Directional Marking (4) (7) (9) (10) (8) (Top View) (Side View) (Bottom View) GND (2) (1) GND (in mm) : Electrode Part Number T NFA18SL357V1A45 0.5±0.1 NFA18SL187V1A45 NFA18SL137V1A45 NFA18SL207V1A45 NFA18SL506X1A45 0.6 +0.05 –0.1 (3)(4)(5)(6): IN (OUT) (7)(8)(9)(10): OUT (IN) 0.2±0.1 0.15±0.1 0.2±0.1 0.25±0.1 1.6±0.1 0.4±0.05 (3) (5) (6) Directional Marking (4) (7) (9) (10) (8) (Top View) (Side View) (Bottom View) GND (2) (1) GND (in mm) : Electrode (in mm) : Electrode (3)(4)(5)(6): IN (OUT) (7)(8)(9)(10): OUT (IN) 0.20±0.1 0.2±0.1 0.25±0.1 1.6±0.1 0.4±0.05 (3) (5) (6) Directional Marking (4) (7) (9) (10) (8) (Top View) (Side View) (Bottom View) (2) GND GND (1) (3) (4) (5) (6) (7) (8) (9) GND (1) *Please change IN/OUT according to the circuit condition. (2) GND (10) (3)(4)(5)(6): IN (OUT) (7)(8)(9)(10): OUT (IN) (3) (4) (5) (6) (7) (8) (9) GND (1) (2) GND (10) (3) (4) (5) (6) (7) (8) (9) GND (1) *Please change IN/OUT according to the circuit condition. (2) GND (10) (3)(4)(5)(6): IN (OUT) (7)(8)(9)(10): OUT (IN) Continued on the following page. c Dimensions (NFA18SL 137/187/207/357 V1A45) c Dimensions (NFA18SL 227 V1A45) c Dimensions (NFA18SL 307/407/487 V1A45) c Equivalent Circuit (NFA18SL 137/187/207/357 V1A45) c Equivalent Circuit (NFA18SL 227 V1A45) c Equivalent Circuit (NFA18SL 307/407/487 V1A45) |
Numéro de pièce similaire - NFA18SL227V1A45L |
|
Description similaire - NFA18SL227V1A45L |