Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCV8675DT50RKG Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce NCV8675DT50RKG
Description  350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8675DT50RKG Fiches technique(HTML) 3 Page - ON Semiconductor

  NCV8675DT50RKG Datasheet HTML 1Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 2Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 3Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 4Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 5Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 6Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 7Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 8Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCV8675
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS Vin = 13.5 V, TJ = −40°C to +150°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OUTPUT
Output Voltage
D2PAK
5.0 V Version
DPAK
Vout
0.1 mA ≤ Iout ≤ 350 mA (Note 3)
6.0 V ≤ Vin ≤ 16 V
4.900
4.875
5.000
5.000
5.100
5.125
V
Output Voltage
D2PAK
3.3 V Version
DPAK
Vout
0.1 mA ≤ Iout ≤ 350 mA (Note 3)
4.5 V ≤ Vin ≤ 16 V
3.234
3.217
3.300
3.300
3.366
3.383
V
Output Voltage
D2PAK
5.0 V Version
DPAK
Vout
0.1 mA ≤ Iout ≤ 200 mA (Note 3)
6.0 V ≤ Vin ≤ 40 V
4.900
4.875
5.000
5.000
5.100
5.125
V
Output Voltage
D2PAK
3.3 V Version
DPAK
Vout
0.1 mA ≤ Iout ≤ 200 mA (Note 3)
4.5 V ≤ Vin ≤ 40 V
3.234
3.217
3.300
3.300
3.366
3.383
V
Line Regulation
DVout
Versus Vin
Iout = 5 mA
6.0 V ≤ Vin ≤ 28 V
−25
5
+25
mV
Load Regulation
DVout
Versus. Iout
1.0 mA ≤ Iout ≤ 350 mA (Note 3)
−40
5
+40
mV
Dropout Voltage
5.0 V Version
Vin − Vout
Iout = 200 mA (Notes 3 and 4)
Iout = 350 mA (Notes 3 and 4)
215
310
500
600
mV
Quiescent Current
Iq
Iout ≤ 100 mA
TJ = 25°C
TJ = −40°C to +85°C
TJ = 125°C
34
34
54
45
50
60
mA
Active Ground Current
IG (ON)
Iout = 50 mA (Note 3)
Iout = 350 mA (Note 3)
1.8
20
3.5
40
mA
Power Supply Rejection
PSRR
VRIPPLE = 0.5 VPP, F = 100 Hz
70
%/V
Output Capacitor for Stability
5.0 V Version
3.3 V Version
Cout
ESR
Cout
ESR
Iout = 0.1 mA to 350 mA
22
22
9
7
mF
W
mF
W
RESET TIMING D AND OUTPUT RO
Reset Switching Threshold
Vout, rt
5.0 V Version
3.3 V Version
4.50
2.97
4.65
3.069
4.80
3.168
V
Reset Output Low Voltage
VROL
RExt > 5.0k, Vout > 1.0V
0.20
0.40
V
Reset Output Leakage Current
IROH
VROH = 5.0 V
VROH = 3.3 V
0
0
10
10
mA
Reset Charging Current
ID,C
VD = 1.0 V
2.0
4.0
6.5
mA
Upper Timing Threshold
VDU
1.2
1.3
1.4
V
Lower Timing Threshold
VLU
1.24
V
Reset Delay Time
5.0 V Version
3.3 V Version
trd
CD = 47 nF
10
10
16
16
22
24
ms
Reset Reaction Time
trr
CD = 47 nF
1.5
4.0
ms
PROTECTION
Current Limit
Iout(LIM)
Vout = 4.5 V (5.0 V Version)
Vout = 3.0 V (3.3 V Version)
350
350
mA
Short Circuit Current Limit
Iout(SC)
Vout = 0 V (Note 3)
100
600
mA
Thermal Shutdown Threshold
TTSD
(Note 5)
150
200
°C
3. Use pulse loading to limit power dissipation.
4. Dropout voltage = (Vin – Vout), measured when the output voltage has dropped 100 mV relative to the nominal value obtained with
Vin = 13.5 V.
5. Not tested in production. Limits are guaranteed by design.


Numéro de pièce similaire - NCV8675DT50RKG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV8675DS33G ONSEMI-NCV8675DS33G Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8675DS33R4G ONSEMI-NCV8675DS33R4G Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8675DS50G ONSEMI-NCV8675DS50G Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8675DS50R4G ONSEMI-NCV8675DS50R4G Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
More results

Description similaire - NCV8675DT50RKG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV8675 ONSEMI-NCV8675 Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
   Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com