Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9258 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce 9258
Description  Coax - RG-8X Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

9258 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  9258 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9258 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9258 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9258 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
100
250
200
190
400
110
700
75
1000
60
Max. Operating Voltage - UL:
Voltage
300 V RMS
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9258 0091000
1,000 FT
40.000 LB
WHITE
RG-8X TYPE COAX
9258 010U1000
1,000 FT
39.000 LB
BLACK
RG-8X TYPE COAX
9258 010U500
500 FT
20.000 LB
BLACK
RG-8X TYPE COAX
9258 0101000
1,000 FT
40.000 LB
BLACK
C
RG-8X TYPE COAX
9258 010500
500 FT
20.000 LB
BLACK
C
RG-8X TYPE COAX
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 1
Revision Date: 09-20-2012
© 2012 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Page 3 of 3
09-26-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
9258 Coax - RG-8X Type


Numéro de pièce similaire - 9258

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
925819 TEC-925819 Datasheet
299Kb / 8P
   Miniature AMP-IN* Contacts and Miniature AMP-IN 2000 Contacts
More results

Description similaire - 9258

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
7805 ETC2-7805 Datasheet
105Kb / 4P
   Coax - RG-174 Type
7806A ETC2-7806A Datasheet
105Kb / 4P
   Coax - RG-58 Type
logo
CRYSTEK CORPORATION
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
Belden Inc.
1694RW BELDEN-1694RW Datasheet
99Kb / 3P
   Stadium RG-6/U Type Precision Low-Loss Serial Digital Video Coax
8216 BELDEN-8216 Datasheet
229Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-174
logo
List of Unclassifed Man...
ANT-418-PW-QW ETC2-ANT-418-PW-QW Datasheet
144Kb / 1P
   Integral 8쩍-inch RG-174 coax cable
logo
Belden Inc.
9913 BELDEN-9913 Datasheet
237Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8
FSNS6RCAU-25 BELDEN-FSNS6RCAU-25 Datasheet
341Kb / 2P
   ProSNS RG-6 RCA Coax Compression Connector
0.44
4694R BELDEN-4694R Datasheet
243Kb / 4P
   12 GHz Coax, 4K UHD Precision Video Coax, RG-6/U Type, 75 Ohm, 18 AWG Solid, CMP
FSNS6U-25 BELDEN-FSNS6U-25 Datasheet
387Kb / 2P
   ProSNS RG-6 Universal "F" Coax Compression Connector
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com