Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10EP08 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC10EP08
Description  3.3V / 5V ECL 2-Input Differential XOR/XNOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP08 Fiches technique(HTML) 3 Page - ON Semiconductor

  MC10EP08 Datasheet HTML 1Page - ON Semiconductor MC10EP08 Datasheet HTML 2Page - ON Semiconductor MC10EP08 Datasheet HTML 3Page - ON Semiconductor MC10EP08 Datasheet HTML 4Page - ON Semiconductor MC10EP08 Datasheet HTML 5Page - ON Semiconductor MC10EP08 Datasheet HTML 6Page - ON Semiconductor MC10EP08 Datasheet HTML 7Page - ON Semiconductor MC10EP08 Datasheet HTML 8Page - ON Semiconductor MC10EP08 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MC10EP08, MC100EP08
http://onsemi.com
3
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
6
V
VEE
NECL Mode Power Supply
VCC = 0 V
−6
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI v VCC
VI w VEE
6
−6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
SOIC−8
SOIC−8
190
130
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
SOIC−8
41 to 44
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
TSSOP−8
TSSOP−8
185
140
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
TSSOP−8
41 to 44
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
DFN8
DFN8
129
84
°C/W
°C/W
Tsol
Wave Solder
Pb−Free <2 to 3 sec @ 260°C
265
°C
qJC
Thermal Resistance (Junction−to−Case)
(Note 2)
DFN8
35 to 40
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. JEDEC standard multilayer board − 2S2P (2 signal, 2 power)
Table 5. 10EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 3)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
20
28
36
20
30
38
20
32
38
mA
VOH
Output HIGH Voltage (Note 4)
2165
2290
2415
2230
2355
2480
2290
2415
2540
mV
VOL
Output LOW Voltage (Note 4)
1365
1490
1615
1430
1555
1680
1490
1615
1740
mV
VIH
Input HIGH Voltage (Single−Ended)
2090
2415
2155
2480
2215
2540
mV
VIL
Input LOW Voltage (Single−Ended)
1365
1690
1430
1755
1490
1815
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration) (Note 5)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
3. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
4. All loading with 50 W to VCC − 2.0 V.
5. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Numéro de pièce similaire - MC10EP08

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
MC10EP08 ONSEMI-MC10EP08 Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC10EP08 ONSEMI-MC10EP08 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
MC10EP08D ONSEMI-MC10EP08D Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
MC10EP08D ONSEMI-MC10EP08D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results

Description similaire - MC10EP08

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
logo
Micrel Semiconductor
SY10EP08V MICREL-SY10EP08V Datasheet
110Kb / 7P
   5V/3.3V DIFFERENTIAL 2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07_06 Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com