Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD800BLK Fiches technique(PDF) 1 Page - Visual Communications Company

No de pièce STD800BLK
Description  STD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VCC [Visual Communications Company]
Site Internet  http://vcclite.com
Logo VCC - Visual Communications Company

STD800BLK Fiches technique(HTML) 1 Page - Visual Communications Company

  STD800BLK Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The plastic body maintains
eliminating LED tilting
the LED in a vertcal position
to prevent shorting
The barrier seperate the leads
Retention tabs hold LED leads
in position prior to final PC board
assembly
.050
(1.270mm)
A
A
2/25/10
JS
KH
DPZ
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
9/01/92
REVISED PER ECR111009AZ01
INITIAL RELEASE
001
REV
001
U.L. 94 V0
SEE NOTES
BREAK ALL CORNERS AND SHARP
PROHIBITED.
CHECKED
TITLE:
B
DWG. NO.
SCALE: 5:1
REV
REVISIONS
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
2
1
THE INFORMATION CONTAINED IN THIS
VISUAL COMMUNICATIONS COMPANY, INC IS
Phone (760) 560-1300 Fax (760) 560-1301 email vccsales@vcclite.com
DATE
DESCRIPTION
ECN #
DATE
PROPRIETARY AND CONFIDENTIAL
1) Standoff length selection per Order Table below
APPROVAL
VALOX 310 SEO (BLACK)
EDGES .030 MAX
VISUAL COMMUNICATIONS COMPANY, INC. ANY
DRAWING IS THE SOLE PROPERTY OF
WITHOUT THE WRITTEN PERMISSION OF
REPRODUCTION IN PART OR AS A WHOLE
2) U.S. & Foreign Pat. Issued & Pend.
THIRD ANGLE PROJECTION
FINISH
VISUAL COMMUNICATIONS COMPANY, INC.
NOTES:
190 Bosstick Boulevard, Suite101 San Marcos, CA 92069 USA
3
INITIALS
STDxxxBLK
2/25/10
N/A
DRAWN
K.Howard
STDxxxBLK_A
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES:
ANGLES
DECIMALS
1'
. X
.020
.XX
.010
FINISH
.XXX
.005
3/1/10
SECTION A-A
(.254mm)
.20
(4.064mm)
(1.397mm)
(3.226mm)
.055
.127
(5.08mm)
.010
.160
XXX
(5.08mm)
.20
.100
(2.540m)
(.914mm)
.036 2PLS
.047 4PLS
(1.194mm)
.050 4PLS
(1.270mm)
STD XXX
ODERING CODES:
ISOMETRIC VIEW
BLK
XXX = LENGTH (.100 to 1.0)
100
200
300
400 500 600 700 800
900 1000
110
210
310
410 510 610 710 810
910
120
220
320
420 520 620 720 820
920
130
230
330
430 530 630 730 830
930
140
240
340
440 540 640 740 840
940
150
250
350
450 550 650 750 850
950
160
260
360
460 560 660 760 860
960
170
270
370
470 570 670 770 870
970
180
280
380
480 580 680 780 880
980
190
290
390
490 590 690 790 890
990
Bi-lead LED
assembly
Tri-lead LED
assembly


Numéro de pièce similaire - STD800BLK

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD8010 STMICROELECTRONICS-STD8010 Datasheet
108Kb / 3P
   Flexible MPEG audio/video codec with DVD and DVB receiver capability
STD8010AWB STMICROELECTRONICS-STD8010AWB Datasheet
108Kb / 3P
   Flexible MPEG audio/video codec with DVD and DVB receiver capability
STD80N10F7 STMICROELECTRONICS-STD80N10F7 Datasheet
1Mb / 25P
   Ultra low on-resistance
February 2014 Rev 1
logo
Inchange Semiconductor ...
STD80N10F7 ISC-STD80N10F7 Datasheet
295Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STD80N10F7 VBSEMI-STD80N10F7 Datasheet
1,020Kb / 8P
   N-Channel 100-V (D-S) MOSFET
More results

Description similaire - STD800BLK

FabricantNo de pièceFiches techniqueDescription
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
List of Unclassifed Man...
LP2046 ETC1-LP2046 Datasheet
127Kb / 1P
   STD
logo
Marl International Limi...
LP2046 MARL-LP2046_15 Datasheet
127Kb / 1P
   STD
logo
Lite-On Technology Corp...
LTST-S320GKT LITEON-LTST-S320GKT Datasheet
325Kb / 6P
   EIA STD package
logo
ECS, Inc.
ECS-80-20-5PXDU-TR ECS-ECS-80-20-5PXDU-TR Datasheet
150Kb / 1P
   Industry Std. Footprint
logo
FCI connector
C01-8646-0752 FCI-CONNECTOR-C01-8646-0752 Datasheet
111Kb / 1P
   RECEPTACLE STD EUROPE
C01-8646-0815 FCI-CONNECTOR-C01-8646-0815 Datasheet
144Kb / 1P
   RECEPTACLE STD EUROPE
D09P24A4GI00LF FCI-CONNECTOR-D09P24A4GI00LF Datasheet
151Kb / 1P
   HEADER DELTA D STD EUROPE HEADER DELTA D STD EUROPE
logo
Nova Electric. All Righ...
FC1250U NOVA-FC1250U Datasheet
304Kb / 2P
   RUGGED SINGLE-PHASE SINEWAVE FREQUENCY CONVERTER CAN MEET MIL-STD-810, MIL-STD-1399, MIL-S-901, MIL-STD-704, & MIL-STD-461 OPTIONALLY
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com