Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DL03S2415A Fiches technique(PDF) 1 Page - Delta Electronics, Inc.

No de pièce DL03S2415A
Description  3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DL03S2415A Fiches technique(HTML) 1 Page - Delta Electronics, Inc.

  DL03S2415A Datasheet HTML 1Page - Delta Electronics, Inc. DL03S2415A Datasheet HTML 2Page - Delta Electronics, Inc. DL03S2415A Datasheet HTML 3Page - Delta Electronics, Inc. DL03S2415A Datasheet HTML 4Page - Delta Electronics, Inc. DL03S2415A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DL03S/D Series
3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS_DL03S/D_07182012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 84%
DIP Package with Industry Standard Pinout
Ultra-wide 4:1 Input Range
Isolation Volage 1500VDC
Operating Temperature Range –40°C to +85°C
Complies with EN55022 Class A
Short Circuit Protection
CSA 60950-1 Safety Approval
3 Years Product Warranty
The DL03S/D series are miniature, DIP Package, isolated 3W DC/DC converters with 1,500VDC isolation. The DL03S/D series
feature fully regulated output and ultra wide 4:1 input voltage ranges. It offers short circuit protection and allows a wide operating
temperature range of –40°C to +85°C. These isolated DC/DC converters are the latest offering from a world leader in power systems
technology and manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of component placement,
these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful
operating conditions.
Model List
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
µF
%
DL03S2403A
3.3
750
93
138
680
75
DL03S2405A
5
600
75
158
470
79
DL03S2412A
12
250
32
154
330
81
DL03S2415A
15
200
25
152
220
82
DL03D2412A
±12
±125
±16
156
150*
80
DL03D2415A
24
(9 ~ 36)
±15
±100
±13
156
20
15
100*
80
DL03S4803A
3.3
750
93
68
680
76
DL03S4805A
5
600
75
78
470
80
DL03S4812A
12
250
32
75
330
83
DL03S4815A
15
200
25
74
220
84
DL03D4812A
±12
±125
±16
76
150*
82
DL03D4815A
48
(18 ~ 75)
±15
±100
±13
76
10
10
100*
82
* For each output
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
24V Input Models
6
7.5
9
Start-Up Threshold Voltage
48V Input Models
12
15
18
24V Input Models
---
---
8.5
Under Voltage Shutdown
48V Input Models
---
---
16
VDC
Reverse Polarity Input Current
---
---
0.5
A
Short Circuit Input Power
---
---
2000
mW
Internal Power Dissipation
---
---
2500
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A


Numéro de pièce similaire - DL03S2415A

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
DL03S2415A DELTA-DL03S2415A Datasheet
214Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results

Description similaire - DL03S2415A

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
DL03S DELTA-DL03S Datasheet
214Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DD03S DELTA-DD03S Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DD03S0505A DELTA-DD03S0505A Datasheet
211Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DS06S DELTA-DS06S Datasheet
296Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S DELTA-DR06S Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DF04S2403A DELTA-DF04S2403A Datasheet
220Kb / 5P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S2403A DELTA-DS06S2403A Datasheet
247Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DF04S DELTA-DF04S Datasheet
219Kb / 4P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
SE03S DELTA-SE03S Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com