Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL2731SD Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce HCPL2731SD
Description  Low Input Current High Gain Split Darlington Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2731SD Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button HCPL2731SD Datasheet HTML 3Page - Fairchild Semiconductor HCPL2731SD Datasheet HTML 4Page - Fairchild Semiconductor HCPL2731SD Datasheet HTML 5Page - Fairchild Semiconductor HCPL2731SD Datasheet HTML 6Page - Fairchild Semiconductor HCPL2731SD Datasheet HTML 7Page - Fairchild Semiconductor HCPL2731SD Datasheet HTML 8Page - Fairchild Semiconductor HCPL2731SD Datasheet HTML 9Page - Fairchild Semiconductor HCPL2731SD Datasheet HTML 10Page - Fairchild Semiconductor HCPL2731SD Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138, 5N139, NCPL2730, HCPL2731 Rev. 1.0.5
7
Typical Performance Curves
Fig. 4 LED Forward Current vs. Forward Voltage
FORWARD VOLTAGE - VF (V)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0.001
0.01
0.1
1
10
100
TA = 85˚C
TA = 70˚C
TA = -40˚C
TA = 0˚C
TA = 25˚C
Fig. 5 LED Forward Voltage vs. Temperature
TEMPERATURE - TA (˚C)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
IF = 1.6 mA
Fig. 6 Non-saturated Rise and Fall Times vs.
Load Resistance (6N138 / 6N139 Only)
Fig. 7 Non-saturated Rise and Fall Times vs.
Load Resistance (HCPL2730 / HCPL2731 Only)
RL - LOAD RESISTANCE (kΩ)RL - LOAD RESISTANCE (kΩ)
0.1
1
10
1
10
100
tf
TA = 25˚C
IF ADJUSTED FOR VOL = 2 V
tr
IF - FORWARD CURRENT - mA
Fig. 9 Current Transfer Ratio vs. Forward Current
(6N138 / 6N139 Only)
0.01
0.1
1
10
0
400
800
1200
1600
TA = -40˚C
TA = 0˚C
TA = 25˚C
TA = 70˚C
TA = 85˚C
VCC = 5V
VO = 0.4V
0.1
1
10
1
10
tf
tr
TA = 25˚C
Fig. 8 Propagation Delay To Logic Low
vs. Base-Emitter Resistance
(HCPL2730 / HCPL2731 Only)
RBE - BASE-EMITTER RESISTANCE - M
0.01
0.1
1
10
0
1
2
3
4
5
6
IF = 1.6 mA, VCC = 5 V
RL = 2.2 K, TA = 25°C
Normalized to RBE = None


Numéro de pièce similaire - HCPL2731SD

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL2731 HP-HCPL2731 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL2731 FAIRCHILD-HCPL2731 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL2731M FAIRCHILD-HCPL2731M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL2731M FAIRCHILD-HCPL2731M Datasheet
442Kb / 14P
   Low current ??0.5mA
More results

Description similaire - HCPL2731SD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com