Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28617 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL28617
Description  40V Precision Instrumentation Amplifier with Differential ADC Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28617 Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL28617 Datasheet HTML 1Page - Intersil Corporation ISL28617 Datasheet HTML 2Page - Intersil Corporation ISL28617 Datasheet HTML 3Page - Intersil Corporation ISL28617 Datasheet HTML 4Page - Intersil Corporation ISL28617 Datasheet HTML 5Page - Intersil Corporation ISL28617 Datasheet HTML 6Page - Intersil Corporation ISL28617 Datasheet HTML 7Page - Intersil Corporation ISL28617 Datasheet HTML 8Page - Intersil Corporation ISL28617 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ISL28617
4
FN6562.1
October 17, 2013
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted,
all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage (VCC to VEE or GND) . . . . . . . . . . . . . . . . . . . . 42V
Maximum Supply Voltage (VCO to VEO or GND) . . . . . . . . . . . . . . . . . . . . 42V
Maximum Voltage (VCO to VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . .+0.5V, -40V
Maximum Voltage (VEO to V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V,+40V
Maximum Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . ±10mA
Max/Min Input Current for Input Voltage >VCC or <VEE . . . . . . . . . . . . . ±10mA
Maximum Input Current (±RIN, ±RFB, ±RINSENSE, ±RFBSENSE) . . . .±5mA
Maximum Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
Min/Max Input Voltage . . . . . . . . . . . . . . . . . . . . .(VEE - 0.5V) to (VCC +0.5V)
Output Short-Circuit Duration (1 Output at a Time) . . . . . . . . . . . . . Continuous
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
24 Ld TSSOP (Notes 4, 5) . . . . . . . . . . . . . .
74
28
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (TJMAX). . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . .-40°C to +125°C
VCC, VEE Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . . . ±4V to ±20V
VCO, VE+ Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . ±1.5V to ±20V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications V
CC = VCO = 15V, VEE = VEO = -15V, VCM = 0V, RL = 10kΩ, RFB = RIN = 30.1kΩ, TA = +25°C, unless otherwise
specified. Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
INPUT DC SPECIFICATIONS
VCMIRIN
IN+, IN- Common Mode Input Voltage Range
VEE +3V
VCC -3V
V
VOSIN
Input Offset Voltage
-100
±30
100
µV
-275
275
µV
TCVOSIN
Input Offset Voltage Temperature Coefficient
-2.75
±0.3
2.75
µV/°C
IBIN
Input Bias Current
-1
±0.2
1
nA
-1.3
1.3
nA
IOSIN
Input Offset Current
-0.75
±0.2
0.75
nA
-1
1
nA
IRIN
Input Resistor Drive Current
(Note 7)
87
102
117
µA
RINCM
Common Mode Input Resistance
80
G
Ω
CMRR
Common Mode Rejection Ratio
VEE +3V < VCM < VCC -3V
G = 1
110
120
dB
107
dB
VEE +3V < VCM < VCC -3V
G = 100
130
150
dB
110
dB
FEEDBACK DC SPECIFICATIONS
VCMIRFB
+FB, -FB Common Mode Input Voltage Range
VEE +3V
VCC -3V
V
VOSFB
Feedback Input Offset Voltage
-1600
±400
1600
µV
-3000
3000
µV
IBVFB+,-
Input Bias Current at VFB ± Inputs
15
nA


Numéro de pièce similaire - ISL28617

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28617 INTERSIL-ISL28617 Datasheet
1Mb / 18P
   40V Precision Instrumentation Amplifier with Differential ADC Driver
ISL28617 INTERSIL-ISL28617 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28617 RENESAS-ISL28617 Datasheet
1Mb / 20P
   40V Precision Instrumentation Amplifier with Differential ADC Driver
May 27, 2015
logo
Intersil Corporation
ISL28617FVZ INTERSIL-ISL28617FVZ Datasheet
1Mb / 18P
   40V Precision Instrumentation Amplifier with Differential ADC Driver
logo
Renesas Technology Corp
ISL28617FVZ RENESAS-ISL28617FVZ Datasheet
1Mb / 20P
   40V Precision Instrumentation Amplifier with Differential ADC Driver
May 27, 2015
More results

Description similaire - ISL28617

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28617 INTERSIL-ISL28617 Datasheet
1Mb / 18P
   40V Precision Instrumentation Amplifier with Differential ADC Driver
logo
Renesas Technology Corp
ISL28617 RENESAS-ISL28617 Datasheet
1Mb / 20P
   40V Precision Instrumentation Amplifier with Differential ADC Driver
May 27, 2015
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
   Differential Amplifier/ADC Driver
logo
Renesas Technology Corp
ISL70617SEH RENESAS-ISL70617SEH Datasheet
1Mb / 30P
   36V Radiation Hardened Precision Instrumentation Amp with Rail-to-Rail Output Differential ADC Driver
Jul 8, 2022
logo
Intersil Corporation
ISL70617SEH INTERSIL-ISL70617SEH Datasheet
1Mb / 28P
   36V Radiation Tolerant Precision Instrumentation Amp with Rail-to-Rail Output Differential ADC Driver
December 16, 2016
ISL70517SEH INTERSIL-ISL70517SEH Datasheet
1Mb / 27P
   36V Radiation Tolerant Precision Instrumentation Amplifier with Rail-to-Rail Output ADC Driver
December 15, 2016
logo
Renesas Technology Corp
ISL70517SEH RENESAS-ISL70517SEH Datasheet
1Mb / 29P
   36V Radiation Hardened Precision Instrumentation Amplifier with Rail-to-Rail Output ADC Driver
Jan 28, 2021
logo
Linear Technology
LTC6419 LINER-LTC6419 Datasheet
269Kb / 6P
   Dual Differential Amplifier/ADC Driver
logo
Analog Devices
LTC6363 AD-LTC6363 Datasheet
735Kb / 40P
   Precision, Low Power Differential Amplifier/ADC
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com