Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX79C39 Fiches technique(PDF) 2 Page - Continental Device India Limited

No de pièce BZX79C39
Description  SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZX79C39 Fiches technique(HTML) 2 Page - Continental Device India Limited

  BZX79C39 Datasheet HTML 1Page - Continental Device India Limited BZX79C39 Datasheet HTML 2Page - Continental Device India Limited BZX79C39 Datasheet HTML 3Page - Continental Device India Limited BZX79C39 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless otherwise Specified)
Device
VZT
@ IZT * rZT @
IZT
rZK
@ IZK
IR
@
VR
IZM
Tamb
25 deg C 150degC
min
max
max
max
min
max
max
max
max
(V)
(V)
(ohm)
(mA)
(ohm)
(mA)
(uA)
(uA)
(V)
(mA)
BZX79C 24
22.80
25.60
70
5.0
250
1.0
18.4
22
0.05
2.0
17
16
BZX79C 27
25.10
28.90
80
2.0
300
0.5
21.4
25.3
0.05
2.0
19
14
BZX79C 30
28.00
32.00
80
2.0
300
0.5
24.4
29.4
0.05
2.0
21
13
BZX79C 33
31.00
35.00
80
2.0
325
0.5
27.4
33.4
0.05
2.0
23
12
BZX79C 36
34.00
38.00
90
2.0
350
0.5
30.4
37.4
0.05
2.0
25
11
BZX79C 39
37.00
41.00
130
2.0
350
0.5
33.4
41.2
0.05
2.0
27
10
BZX79C 43
40.00
46.00
150
2.0
375
0.5
37.6
46.6
0.05
2.0
29
9.2
BZX79C 47
44.00
50.00
170
2.0
375
0.5
42
51.8
0.05
2.0
33
8.5
BZX79C 51
48.00
54.00
180
2.0
400
0.5
46.6
57.2
0.05
2.0
36
7.8
*Pulse Condition : 20ms= tp=50ms . Duty Cycle=2%
(mV/deg C)
Temp. Coeff
of
VZ
Continental Device India Limited
Data Sheet
Page 2 of 4


Numéro de pièce similaire - BZX79C39

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BZX79C39 FAIRCHILD-BZX79C39 Datasheet
47Kb / 5P
   Zeners
logo
Zibo Seno Electronic En...
BZX79C39 ZSELEC-BZX79C39 Datasheet
70Kb / 3P
   500mW Silicon Planar Pow
logo
EIC discrete Semiconduc...
BZX79C39 EIC-BZX79C39 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Micro Commercial Compon...
BZX79C39 MCC-BZX79C39 Datasheet
235Kb / 5P
   500mW Silicon Zener Diodes
logo
First Components Intern...
BZX79C39 FCI-BZX79C39 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
More results

Description similaire - BZX79C39

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com