Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF630S Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce IRF630S
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF630S Fiches technique(HTML) 4 Page - Vishay Siliconix

  IRF630S Datasheet HTML 1Page - Vishay Siliconix IRF630S Datasheet HTML 2Page - Vishay Siliconix IRF630S Datasheet HTML 3Page - Vishay Siliconix IRF630S Datasheet HTML 4Page - Vishay Siliconix IRF630S Datasheet HTML 5Page - Vishay Siliconix IRF630S Datasheet HTML 6Page - Vishay Siliconix IRF630S Datasheet HTML 7Page - Vishay Siliconix IRF630S Datasheet HTML 8Page - Vishay Siliconix IRF630S Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
Document Number: 91032
4
S11-1047-Rev. C, 30-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF630S, SiHF630S
Vishay Siliconix
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
20 µs Pulse Width
V
DS = 50 V
101
100
10-1
VGS, Gate-to-Source Voltage (V)
56
789
10
4
25
°C
150
°C
91032_03
I
D = 5.9 A
V
GS = 10 V
3.0
0.0
0.5
1.0
1.5
2.0
2.5
TJ, Junction Temperature (°C)
91032_04
- 60 - 40 - 20 0
20 40 60 80 100 120 140 160
1600
1200
800
0
400
100
101
VDS, Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
91032_05
QG, Total Gate Charge (nC)
20
16
12
8
0
4
0
10
50
40
30
20
For test circuit
see figure 13
91032_06
I
D = 5.9 A
V
DS = 160 V
V
DS = 40 V
V
DS = 100 V


Numéro de pièce similaire - IRF630S

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
IRF630S PHILIPS-IRF630S Datasheet
97Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
STMicroelectronics
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
   N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
logo
TRANSYS Electronics Lim...
IRF630S TEL-IRF630S Datasheet
142Kb / 1P
   Power MOSFET
logo
Guangdong Kexin Industr...
IRF630S KEXIN-IRF630S Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
New Jersey Semi-Conduct...
IRF630S NJSEMI-IRF630S Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
More results

Description similaire - IRF630S

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com