Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK1398 Fiches technique(PDF) 3 Page - NEC

No de pièce 2SK1398
Description  N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SK1398 Fiches technique(HTML) 3 Page - NEC

  2SK1398 Datasheet HTML 1Page - NEC 2SK1398 Datasheet HTML 2Page - NEC 2SK1398 Datasheet HTML 3Page - NEC 2SK1398 Datasheet HTML 4Page - NEC 2SK1398 Datasheet HTML 5Page - NEC 2SK1398 Datasheet HTML 6Page - NEC 2SK1398 Datasheet HTML 7Page - NEC 2SK1398 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D14772EJ2V0DS00
3
2SK1398
TYPICAL CHARACTERISTICS (TA = 25 °C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TC - Case Temperature - ˚C
0
20
40
60
80
100
120
140
160
20
40
60
80
100
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA - Ambient Temperature - ˚C
0
30
60
90
120
150
180
300
250
200
150
100
50
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
1.0
1.5
2.0
40
0.5
Pulsed
VGS = 4.5 V
80
100
60
20
VGS = 4.0 V
VGS = 2.5 V
FORWARD TRANSFER CHARACTERISTICS
VGS
- Gate to Source Voltage - V
0.1
0.01
1
10
100
Pulsed
0
1
2
VDS = 3.0 V
3456
7
TA = 150 ˚C
75 ˚C
25 ˚C
−25 ˚C
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = 3.0 V
ID = 1.0
µA
0
50
100
150
0.5
1.0
2.0
1.5
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - mA
VDS = 5.0 V
f = 1 kHz
10
10
100
1000
100 200
1
5


Numéro de pièce similaire - 2SK1398

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SK1398 RENESAS-2SK1398 Datasheet
217Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Description similaire - 2SK1398

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SK1272 NEC-2SK1272 Datasheet
401Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK2053 NEC-2SK2053 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2090 NEC-2SK2090 Datasheet
59Kb / 6P
   N-Channel MOS FET FOR HIGH-SPEED SWITCHING
2SK2109 NEC-2SK2109 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2110 NEC-2SK2110 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2070 NEC-2SK2070 Datasheet
59Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2159 NEC-2SK2159 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK680A NEC-2SK680A Datasheet
317Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING?
2SK1958 NEC-2SK1958 Datasheet
60Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK1273 NEC-2SK1273 Datasheet
356Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com