Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3492MH Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce LM3492MH
Description  Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM3492MH Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM3492MH Datasheet HTML 6Page - Texas Instruments LM3492MH Datasheet HTML 7Page - Texas Instruments LM3492MH Datasheet HTML 8Page - Texas Instruments LM3492MH Datasheet HTML 9Page - Texas Instruments LM3492MH Datasheet HTML 10Page - Texas Instruments LM3492MH Datasheet HTML 11Page - Texas Instruments LM3492MH Datasheet HTML 12Page - Texas Instruments LM3492MH Datasheet HTML 13Page - Texas Instruments LM3492MH Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LM3492, LM3492Q
SNVS656C – SEPTEMBER 2010 – REVISED MAY 2013
www.ti.com
Figure 16. Switching Frequency
The two-channel current regulator of the LM3492 is fast response so that it can allow very high contrast ratio
(1000:1 at 3 kHz LED dimming frequency, minimum pulse width of the dimming signal is 300 ns). The two
channels are dimmable individually. Channel 1 of the current regulator can be disabled by a digital command
send through the COMM pin. In this case, the DIM1 pin can serve only as a clock signal for the data flow of the
COMM pin. The power dissipated by the current regulator is adaptively minimized by Dynamic Headroom Control
in order to maximize efficiency.
The LM3492 can be applied in numerous applications like automotive LCD backlight panels. It can operate
efficiently for inputs as high as 65V. Diagnostic functions including power good indication, over-temperature
indication, IOUT over- and under-voltage indications facilitate the interface of the LM3492 application circuit with
external micro-processors (MCUs). The LM3492 will not latch off and continue to operate in the presence of the
indications. Other useful features include thermal shutdown, VCC under-voltage lock-out, and precision enable.
The LM3492 is available in the thermally enhanced HTSSOP package.
LDO Regulator
A 5.5V LDO regulator is integrated in the LM3492. For stability, an external capacitor CVCC of more than 0.47 µF
should be connected between the VCC and GND pins. The current limit of the LDO is typically 30 mA. It can be
used to pull-up the open-drain COMM pin with an external resistor, and inject current to the ILIM pin to adjust the
current limit of the integrated MOSFET. When the voltage on the VCC pin (VCC) is higher than the under-voltage
lock-out (UVLO) threshold of 3.78V, the LM3492 is enabled and the CDHC pin sources a current to charge up an
external capacitor CCDHC to provide a soft-start function.
Enable and Disable
To enable the LM3492, the voltage on the EN pin (VEN) must be higher than an enable threshold of typically
1.63V. If VEN is lower than 1.43V, the LM3492 is shutdown. In this case, the LDO regulator is turned off and the
CDHC pin is internally grounded. The EN pin is internally pulled up. After enable, the EN pin is pulled up by a 40
µA current source. If the EN pin is connected to low such that the LM3492 is shutdown, the pull-up current is
reduced to 2 µA. These take the advantages that the LM3492 can effectively avoid false disabling by noise
during operation, and minimize power consumption during shutdown. The enable threshold is precise such that it
can be used to implement an UVLO function for the input voltage as shown in Figure 17. The input voltage can
be connected to the EN pin through a resistor divider consists of REN1 and REN2. This can ensure that the
LM3492 is operated after the input voltage reaches a minimum require value VIN(EN), which can be calculated by
the following equation:
VIN(EN) = 1.63V(1 + REN1/ REN2)
(1)
A zener diode DEN should be placed between the EN and GND pins to keep VEN below its absolute maximum
caused by the increase of the input voltage.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3492 LM3492Q


Numéro de pièce similaire - LM3492MH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3492MH/NOPB TI1-LM3492MH/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH/NOPB TI1-LM3492MH/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
LM3492MHX/NOPB TI1-LM3492MHX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MHX/NOPB TI1-LM3492MHX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
More results

Description similaire - LM3492MH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492 TI1-LM3492 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
LM3492HC-Q1 TI1-LM3492HC-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Two-Channel, Individual Dimmable LED Driver
logo
STMicroelectronics
LED6001 STMICROELECTRONICS-LED6001 Datasheet
559Kb / 26P
   PWM-dimmable single channel LED driver with integrated boost controlle
June 2014 Rev 3
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
   Three-Channel-Two-Channel Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
   Dimmable constant current LED driver
logo
STMicroelectronics
ALED6001 STMICROELECTRONICS-ALED6001 Datasheet
460Kb / 26P
   Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
November 2015 Rev 2
logo
Diodes Incorporated
AL1673 DIODES-AL1673 Datasheet
317Kb / 15P
   UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
logo
ON Semiconductor
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
176Kb / 11P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
Doc. No. MD-5042, Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com