Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRP024V960W3BN Fiches technique(PDF) 12 Page - Delta Electronics, Inc.

No de pièce DRP024V960W3BN
Description  CliQ II DIN Rail Power Supply
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP024V960W3BN Fiches technique(HTML) 12 Page - Delta Electronics, Inc.

Back Button DRP024V960W3BN Datasheet HTML 6Page - Delta Electronics, Inc. DRP024V960W3BN Datasheet HTML 7Page - Delta Electronics, Inc. DRP024V960W3BN Datasheet HTML 8Page - Delta Electronics, Inc. DRP024V960W3BN Datasheet HTML 9Page - Delta Electronics, Inc. DRP024V960W3BN Datasheet HTML 10Page - Delta Electronics, Inc. DRP024V960W3BN Datasheet HTML 11Page - Delta Electronics, Inc. DRP024V960W3BN Datasheet HTML 12Page - Delta Electronics, Inc. DRP024V960W3BN Datasheet HTML 13Page - Delta Electronics, Inc. DRP024V960W3BN Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TECHNICAL DATASHEET
CliQ II DIN Rail Power Supply
24V 960W 3 Phase / DRP024V960W3BN
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (November 2013, Rev. 01)
12
Overload & Overcurrent Protections
The power supply’s Overload (OLP) and Overcurrent (OCP)
Protections will be activated when output current exceeds 150%
of IO (Max load). In such occurrence, the VO will start to droop and
once the power supply has reached its maximum power limit, the
protection is activated and the power supply will go into “Hiccup
mode” (Auto-Recovery). The power supply will recover once the
fault condition of the OLP and OCP is removed and IO is back
within the specifications.
It is not recommended to prolong the duration of IO when it is
<150% but >100%, since it may cause damage to the PSU.
Short Circuit Protection
The power supply’s output OLP/OCP function also provides
protection against short circuits. When a short circuit is applied,
the output current will operate in “Hiccup mode”, as shown in the
illustration in the OLP/OCP section on this page. The power
supply will return to normal operation after the short circuit is
removed.
Overvoltage Protection
The power supply’s overvoltage circuit will be activated when its
internal feedback circuit fails. The output voltage shall not exceed
its specifications defined on Page 3 under “Protections”.
Over Temperature Protection
As
mentioned
above,
the
power
supply
also
has
Over
Temperature Protection (OTP). In the event of a higher operating
temperature at 100% load, the power supply will run into OTP
when the operating temperature is beyond what is recommended
in the de-rating graph. When activated, the output voltage will go
into bouncing mode until the temperature drops to its normal
operating temperature as recommended in the de-rating graph.


Numéro de pièce similaire - DRP024V960W3BN

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
DRP024V060W1AA DELTA-DRP024V060W1AA Datasheet
2Mb / 2P
   CliQ Din Rail Power Supply 24V 60W 1 Phase
DRP024V060W1AA DELTA-DRP024V060W1AA Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP024V060W1AA DELTA-DRP024V060W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP024V060W1AZ DELTA-DRP024V060W1AZ Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 60W 1 Phase Plastic
DRP024V060W1AZ DELTA-DRP024V060W1AZ Datasheet
807Kb / 11P
   CliQ DIN Rail Power Supply
More results

Description similaire - DRP024V960W3BN

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
DRP-24V100W1NN DELTA-DRP-24V100W1NN Datasheet
1Mb / 13P
   CliQ II DIN Rail Power Supply
DRP024V060W1BN DELTA-DRP024V060W1BN Datasheet
708Kb / 12P
   CliQ II DIN Rail Power Supply
DRP024V120W3BA DELTA-DRP024V120W3BA Datasheet
1,013Kb / 14P
   CliQ II DIN Rail Power Supply
DRP024V480W1BA DELTA-DRP024V480W1BA Datasheet
735Kb / 12P
   CliQ II DIN Rail Power Supply
DRP048V060W1BN DELTA-DRP048V060W1BN Datasheet
1Mb / 16P
   CliQ II DIN Rail Power Supply
DRP024V060W3BA DELTA-DRP024V060W3BA Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V240W1BA DELTA-DRP024V240W1BA Datasheet
648Kb / 12P
   CliQ II DIN Rail Power Supply
DRP024V240W3BX DELTA-DRP024V240W3BX Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V240W1BX DELTA-DRP024V240W1BX Datasheet
1Mb / 15P
   CliQ II DIN Rail Power Supply
DRP024V480W3BX DELTA-DRP024V480W3BX Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com