Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5400A7 Fiches technique(PDF) 1 Page - Visual Communications Company

No de pièce 5400A7
Description  Panel Mounted LED Indicator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VCC [Visual Communications Company]
Site Internet  http://vcclite.com
Logo VCC - Visual Communications Company

5400A7 Fiches technique(HTML) 1 Page - Visual Communications Company

  5400A7 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
5400A Series Panel Mounted LED Indicator
Description and Features
Electro-optical Characteristics
Features
A unique design, the 5400 Series is a two-piece unit
consisting of a lens and the housing-LED assembly. Simple,
fast installation provided by placing the lens into mounting
hole from the panel front and snapping the housing assembly
onto the lens from the rear. Allows pre-wiring into the circuit
and testing before installation. Has low-profile, damage-
resistant lens offering static discharge protection and
wide-angle viewing.
Mounting: Will snap-fit into Ø.312/.317 hole in panels
.202/.125 thick.
Wire Leads: No. 22 AWG (105°C) 4.40/4.8 long, stripped
.430/.570
Anode(+): Red lead
Housing: Natural nylon
Lens: Polycarbonate
i ensions
in inches
PANEL
Ø.380
.680 Ref.
.090
.910 MAX.
Part
Number
Color
Typ.
Intensity
(mcd)
Rated
Current
(mA)
Continuous
Forward
Current Max.
(mA)
Forward
Voltage Typ.
(V)
Forward
Voltage Max.
(V)
Peak Forward
Current @ 1ms-
300pps (A)
Reverse
Break-down
Voltage Min.
(V)
5400A1
5400A3
5400A5
Red
Amber
Green
120
120
120
20
20
20
35
35
20
2.0
2.0
2.1
3.0
3.0
2.5
1.0
1.0
-
5
5
4
5400A7
Yellow
120
20
35
2.1
3.0
1.0
5
Includes
Lens
Model No.
4741
4743
4745
4747


Numéro de pièce similaire - 5400A7

FabricantNo de pièceFiches techniqueDescription
logo
Chicago Miniature Lamp,...
5400A7 CML-5400A7 Datasheet
47Kb / 1P
   Panel Mounted LED Indicator
logo
Visual Communications C...
5400A7 VCC-5400A7 Datasheet
269Kb / 2P
   Simple and fast installation
More results

Description similaire - 5400A7

FabricantNo de pièceFiches techniqueDescription
logo
Chicago Miniature Lamp,...
5400A1 CML-5400A1 Datasheet
47Kb / 1P
   Panel Mounted LED Indicator
3990A CML-3990A Datasheet
221Kb / 1P
   Panel Mounted LED Indicator
logo
Visual Communications C...
3990A VCC-3990A Datasheet
78Kb / 1P
   Panel Mounted LED Indicator
logo
Chicago Miniature Lamp,...
5894S CML-5894S Datasheet
66Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5994S VCC-5994S Datasheet
87Kb / 1P
   Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5994S CML-5994S Datasheet
65Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5111F VCC-5111F Datasheet
100Kb / 1P
   Panel Mounted LED Indicator Light
5894S VCC-5894S Datasheet
87Kb / 1P
   Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5101H1 CML-5101H1 Datasheet
21Kb / 1P
   Panel Mounted LED Indicator Light
5210F CML-5210F Datasheet
20Kb / 1P
   Panel Mounted LED Indicator Light
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com