Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-3150-500E Fiches technique(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-3150-500E
Description  HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3150-500E Fiches technique(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3150-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Figure 36. Under Voltage Lock Out.
0
0
(VCC - VEE ) – SUPPLY VOLTAGE – V
10
5
14
10
15
2
20
6
8
4
12
(12.3, 10.8)
(10.7, 9.2)
(10.7, 0.1)
(12.3, 0.1)
Figure 37a. HCPL-3150: Thermal Derating Curve,
Dependence of Safety Limiting Value with Case Tem-
perature per IEC/EN/DIN EN 60747-5-2.
0
0
TS – CASE TEMPERATURE – °C
200
600
400
25
800
50
75 100
200
150 175
PS (mW)
IS (mA)
125
100
300
500
700
Figure 37b. HCPL-315J: Thermal Derating Curve, Dependence of Safety
Limiting Value with Case Temperature per IEC/EN/DIN EN 60747-5-2.
0
0
TS – CASE TEMPERATURE – °C
200
50
800
125
25
75 100
150
1200
400
200
600
1000
1400
175
PSI OUTPUT
PSI INPUT
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2011 Avago Technologies. All rights reserved. Obsoletes 5989-2944EN
AV02-0164EN - March 28, 2011


Numéro de pièce similaire - HCPL-3150-500E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results

Description similaire - HCPL-3150-500E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-0500-500E AVAGO-HCPL-0500-500E Datasheet
691Kb / 17P
   HCPL-2502/0500/0501 Single Channel, High Speed Optocouplers
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
HCPL-2231 AVAGO-HCPL-2231 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCNW139-000E AVAGO-HCNW139-000E Datasheet
167Kb / 14P
   6N139, 6N138, HCPL-0701, HCPL-0700, HCNW138, HCNW139 Low Input Current, High Gain Optocouplers
HCPL-0500-000E AVAGO-HCPL-0500-000E Datasheet
514Kb / 17P
   HCPL-2502/0452/0453/0500/0501/4502/4503 Single Channel, High Speed Optocouplers
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
HCPL-7860 AVAGO-HCPL-7860 Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
logo
Texas Instruments
TIL920 TI1-TIL920 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com