Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL3TTED35L7F Fiches technique(PDF) 1 Page - KOA Speer Electronics, Inc.

No de pièce SL3TTED35L7F
Description  surface mount molded current sense resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KOA [KOA Speer Electronics, Inc.]
Site Internet  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SL3TTED35L7F Fiches technique(HTML) 1 Page - KOA Speer Electronics, Inc.

  SL3TTED35L7F Datasheet HTML 1Page - KOA Speer Electronics, Inc. SL3TTED35L7F Datasheet HTML 2Page - KOA Speer Electronics, Inc. SL3TTED35L7F Datasheet HTML 3Page - KOA Speer Electronics, Inc. SL3TTED35L7F Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL, SLN, TSL
surface mount molded current sense resistors
features
Surface mount type
Flameproof UL94V0 molded polymer case
Excellent dimension accuracy, mountability
and shock resistance
Low profile type available (TSL)
Marking: Black body color with white marking or laser marking
Products with lead-free terminations meet EU RoHS
requirements. EU RoHS regulation is not intended for
Pb-glass contained in electrode, resistor element and glass.
AEC-Q200 Qualified
ordering information
D: ±0.5%
F: ±1%
G: ±2%
J: ±5%
T: Sn
L: SnPb only
SL1:
105mΩ ~ 22MΩ
SL2:
365mΩ ~ 22MΩ
±2%, ±5%: 2 significant
figures + 1 multiplier “R”
indicates decimal on
value <10Ω
±0.5%, ±1%: 3 significant
figures + 1 multiplier “R”
indicates decimal on
value <100Ω
All values less than 0.1Ω
(100mΩ) are expressed in
mΩ with “L” as decimal
Example: 20mΩ, 1% = 20L0
07: 0.75W
W07: 1W*
1: 1W
W1: 1.5W*
2: 2W
3: 3W*
SL
SLZ
SLN
TSL
SL07, SLW1, SL1, SLZ1, TSL-
(TE: 7" embossed plastic)
SL2, SLN2, SLN3, SL3-
TED: 10" embossed plastic
For further information on
packaging please refer to
Appendix A
SL
Type
Size & Power
Ratings
Nominal
Resistance
Tolerance
Termination
Material
Packaging
New Part #
1
TE
20L0
F
T
dimensions and construction
W
t
L
a
b
c
c
Molded
Resin
Resistive
Element
Electrode
.453±.012
(11.5±0.3)
.276±.008
(7.0±0.2)
.276±.008
(7.0±0.2)
.098±.008
(2.5±0.2)
.197±.008
(5.0±0.2)
.094±.008
(2.4±0.2)
.102±.02
(2.6±0.5)
.453±.012
(11.5±0.3)
.217±.008
(5.5±0.2)
.100±.016
(2.55±0.4)
SL1/SLW1,
SLZ1 (2512)
SL2/SL3
(4528)
SLN2/SLN3
(4528)
c
b
a
t
W
L
Dimensions inches
(mm)
.248±.012
(6.3±0.3)
.122±.008
(3.1±0.2)
.075±.008
(1.9±0.2)
.047±.008
(1.2±0.2)
.067±.008
(1.7±0.2)
.063±.008
(1.6±0.2)
.047±.012
(1.2±0.3)
.094±.008
(2.4±0.2)
SL07/SLW07
(2010)
.197±.012
(5.0±0.3)
.098±.008
(2.5±0.2)
.067±.008
(1.7±0.2)
.047±.008
(0.9±0.2)
.035±.012
(1.2±0.3)
.079±.008
(2.0±0.2)
Size
Code
.122±.008
(3.1±0.2)
.039±.008
(1.0±0.2)
.248±.012
(6.3±0.3)
.094±.008
(2.4±0.2)
.047±.012
(1.2±0.3)
TSL1
(2512)
.028±.008
(0.7±0.2)
EU
* Please ask us separately about Ratings and Performance
51
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
4/30/14


Numéro de pièce similaire - SL3TTED35L7F

FabricantNo de pièceFiches techniqueDescription
logo
KOA Speer Electronics, ...
SL3TTED20L0D KOA-SL3TTED20L0D Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
SL3TTED20L0F KOA-SL3TTED20L0F Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
SL3TTED20L0G KOA-SL3TTED20L0G Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
SL3TTED20L0J KOA-SL3TTED20L0J Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
More results

Description similaire - SL3TTED35L7F

FabricantNo de pièceFiches techniqueDescription
logo
KOA Speer Electronics, ...
SL1TTE20L0F KOA-SL1TTE20L0F Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SL1TTE13L0F KOA-SL1TTE13L0F Datasheet
281Kb / 2P
   Surface mount molded current sense resistors
SLW07 KOA-SLW07 Datasheet
575Kb / 2P
   surface mount molded current sense resistors
SL1TTE51L0F KOA-SL1TTE51L0F Datasheet
327Kb / 3P
   surface mount molded current sense resistors
SL1TTE KOA-SL1TTE Datasheet
102Kb / 2P
   surface mount molded current sense resistors
TSL KOA-TSL Datasheet
453Kb / 3P
   surface mount molded current sense resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
KOA Speer Electronics, ...
NPR1TTE KOA-NPR1TTE Datasheet
98Kb / 2P
   surface mount molded current sense resistor
NPR1TTE100J KOA-NPR1TTE100J Datasheet
257Kb / 2P
   surface mount molded current sense resistor
logo
List of Unclassifed Man...
ULR3-R001FT2 ETC2-ULR3-R001FT2 Datasheet
390Kb / 4P
   Metal Strip Current Sense Resistors Surface Mount
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com