Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL1011B090A Fiches technique(PDF) 1 Page - Littelfuse

No de pièce SL1011B090A
Description  Surface Mount Surge Arresters SL1011B Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1011B090A Fiches technique(HTML) 1 Page - Littelfuse

  SL1011B090A Datasheet HTML 1Page - Littelfuse SL1011B090A Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
29
©2008 Littelfuse, Inc.
Revised: December 15, 2008
Gas Plasma Arrester (GDT) Products
Surface Mount Surge Arresters > SL1011B Series
SL1011B Series
Specifications are subject to change without notice.
Refer to www.littelfuse.com/series/SL1002B.html for current information.
Description
The SL1011B Series provides high levels of protection
against fast rising transients in the 100V/μs to 1kV/μs range
usually caused by lightning disturbances.
The SL1011B series also features ultra low capacitance
(typically 1pF or less) making them ideal for the protection
of high-speed transmission equipment. These devices are
extremely robust and are able to divert a 10,000A pulse
without destruction.
Features
rising transients.
tested with 8/20μs pulse as
capability tested with
8/20μs pulse as defined by
Applications
equipment.
equipment.
SL1011B Series Gas Plasma Arrester
RoHS
Pb
2 Electrode GDT Graphical Symbol
Agency Approvals
AGENCY
AGENCY FILE NUMBER
®
E128662
®
Electrical Characteristics
Part
Number*
DC Breakover
Voltage @100 V/s
Volts (V
BR)
MAX
Dynamic
Breakover
Voltage
@100 V/μs1
Volts (V
BR)
AC
Discharge
Current2
Volts
Max
Repetitive
Impulse
Current3
kAmps
Max Single Impulse
Current
Leakage
Current
nAmps
Holdover
Voltage
Volts
MIN
NOM
MAX
8/20 μs
kAmps
10/350 μs
kAmps
10
10
20
72
108
10
10
20
10
10
20
120
180
10
10
20
SL1011B230
230
10
10
20
100
200
300
10
10
20
100
210
310
10
10
20
100
280
800
10
10
20
100


Numéro de pièce similaire - SL1011B090A

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
SL1011B090 LITTELFUSE-SL1011B090 Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
SL1011B090 LITTELFUSE-SL1011B090 Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
SL1011B090 LITTELFUSE-SL1011B090 Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
More results

Description similaire - SL1011B090A

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
15040-ECG NTE-15040-ECG Datasheet
31Kb / 1P
   Surge Arresters
logo
EPCOS
EC90XN EPCOS-EC90XN Datasheet
538Kb / 6P
   SURGE ARRESTERS
logo
List of Unclassifed Man...
CG2145L ETC2-CG2145L Datasheet
322Kb / 4P
   TWO ELECTRODE SURGE ARRESTERS
logo
NTE Electronics
NTE15040-ECG NTE-NTE15040-ECG Datasheet
21Kb / 1P
   Surge Arresters (Gas Filled)
logo
Kingtronics Internation...
SMD5076 KINGTRONICS-SMD5076 Datasheet
184Kb / 1P
   Gas Tube Surge Arresters
SKT-SURGE-ARRESTERS KINGTRONICS-SKT-SURGE-ARRESTERS Datasheet
1Mb / 4P
   SKT - Surge Arresters 3-Electrode Ceramic Surge Arrester
logo
List of Unclassifed Man...
CG3 ETC2-CG3 Datasheet
297Kb / 3P
   TWO ELECTRODE HIGH VOLTAGE SURGE ARRESTERS
logo
Kingtronics Internation...
SKT-2R-75D KINGTRONICS-SKT-2R-75D Datasheet
581Kb / 5P
   SKT - Surge Arresters 2-Electrode Ceramic Surge Arrester
logo
PHOENIX CONTACT
2788896 PHOENIX-2788896 Datasheet
53Kb / 3P
   Housing for mounting surge voltage arresters
logo
Littelfuse
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com