Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST02-320F1 Datasheet(Fiches technique) 2 Page - Shindengen Electric Mfg.Co.Ltd

Numéro de pièce ST02-320F1
Description  Axial Device Zener Diodes with Fast Recovery Diode
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Site Internet  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

ST02-320F1 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  ST02-320F1 Datenblatt HTML 1Page - Shindengen Electric Mfg.Co.Ltd ST02-320F1 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
?U180-p?2014.01??
???? CHARACTERI
STI
C DI
AGRAMS
??????????????????
Peak Surge Reverse Current IRSM
vs Clamping Voltage VCL
?????
Transient Thermal Resistance
??
???
?.???
?.??
?
?.?
??-6 ??-5 ??-4
??-2
??-3
??-1 ??0 ??1
???
??2
Time t?s?
?j
?jll
?jl
?ja
?ja
?ja
On glass-epoxy substrate : t=1mm
soldering land :?.??.?(mm)
Cu layar :???m
Tl-sensing point
VBR-????
Breakdown Voltage vs Junction Temperature
??-????
Reverse Current vs Junction Temperature
????
Junction Capacitance
Frequency ??kHz?
TYP
Tl?25?
OSC?20mV
f ?1000kHz
?
??
???
????
Junction Capacitance
?.?
???
??
???
?
Reverse Voltage VR?V?
TYP
Tl?25?
OSC?20mV
VR?260V
??
??
?
?????
???
??
???????????
Peak Surge Reverse Current
?.??
??
?
?.?
???
exponential wave
??
?
?.?
Pulse Width tp?ms?
IRSM
IRSM/2
tp
0
?
???
?????
??????
????
??
Junction Temperature Tj???
TYP
Pulse test
VR?260V
?
??
??
??
??? ???
???
???
??? ??? ? ?? ?? ?? ??? ???
???
???
???
???
???
???
???
Junction Temperature Tj???
TYP
Pulse test
IR?1mA
???
???
???
???
???
???
?.?
?
?.??
?.???
Clamping Voltage VCL?V?
Tl????
??/?????s
TYP
ST02-320F1
?Si
newave?50Hz?????????
?50Hzsi
newavei
susedf
ormeasur
ement
s.
Title:??? _diode2014-02.ec9 Page:29
Date: 2014/01/30 Thu 16:49:56


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn