Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST02-170F1 Datasheet(Fiches technique) 2 Page - Shindengen Electric Mfg.Co.Ltd

Numéro de pièce ST02-170F1
Description  Single Zener Diode
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Site Internet  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

ST02-170F1 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  ST02-170F1 Datenblatt HTML 1Page - Shindengen Electric Mfg.Co.Ltd ST02-170F1 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd ST02-170F1 Datenblatt HTML 3Page - Shindengen Electric Mfg.Co.Ltd ST02-170F1 Datenblatt HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
U180-p2014.01〉)
■特性図 CHARACTERI
STI
C DI
AGRAMS
せん頭サージ逆電流−クランピング電圧
Peak Surge Reverse Current IRSM
vs Clamping Voltage VCL
140
160
180
200
240
220
0.1
10
0.01
0.001
Clamping Voltage VCL〔V〕
Tl=25℃
10/1000μs
TYP
−50 −25 0
25 50 75 100 125 150
VBR-Tj特性
Breakdown Voltage vs Junction Temperature
150
180
170
200
140
160
190
Junction Temperature Tj〔℃〕
TYP
Pulse test
IB=1mA
25
75
50
100
125
150
-Tj特性
Reverse Current vs Junction Temperature
100
10000
1000
10
0.1
Junction Temperature Tj〔℃〕
TYP
Pulse test
VR=145V
せん頭サージ逆電流耐量
Peak Surge Reverse Current
0.01
10
0.1
TYP
exponential wave
10
0.1
Pulse Width tp〔ms〕
IRSM
IRSM/2
tp
0
TYP
Tl=25℃
OSC=20mV
VR=145V
10
20
接合容量
Junction Capacitance
11000
100
10
Frequency f〔kHz〕
TYP
Tl=25℃
OSC=20mV
f =1000kHz
10
100
接合容量
Junction Capacitance
0.1
150
10
100
Reverse Voltage VR〔V〕
過渡熱抵抗
Transient Thermal Impedance
10
100
0.001
0.01
0.1
10-6 10-5 10-4
10-2
10-3
10-1 100 101
10
102
Time t〔s〕
θj
θjll
θjl
θja
θja
θja
On glass-epoxy substrate : t=1mm
soldering land :2.0×2.0(mm)
Cu layar :35μm
Tl-sensing point
ST02-170F1
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.
Title:新電元 _diode2014-02.ec9 Page:23
Date: 2014/01/30 Thu 16:49:53


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn