Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL28EB717 Fiches technique(PDF) 6 Page - Silicon Laboratories

No de pièce SL28EB717
Description  Timing Selector Guide
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28EB717 Fiches technique(HTML) 6 Page - Silicon Laboratories

Back Button SL28EB717 Datasheet HTML 2Page - Silicon Laboratories SL28EB717 Datasheet HTML 3Page - Silicon Laboratories SL28EB717 Datasheet HTML 4Page - Silicon Laboratories SL28EB717 Datasheet HTML 5Page - Silicon Laboratories SL28EB717 Datasheet HTML 6Page - Silicon Laboratories SL28EB717 Datasheet HTML 7Page - Silicon Laboratories SL28EB717 Datasheet HTML 8Page - Silicon Laboratories SL28EB717 Datasheet HTML 9Page - Silicon Laboratories SL28EB717 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6 / CLOCK A ND OSCILL ATOR SELEC TOR
PCIe CLOCK FEATURES
• Full portfolio of PCI Express (PCIe) Gen 1/2/3 clocks
and buffers
• All products utilize push-pull HCSL output buffers
• Fully integrated termination resistors on
PCIe outputs
• Low power consumption
• Programmable spread spectrum
• Available hardware strapping pin for spread enable
• I2C/SMBus programmable
• Also supports LVPECL, LVDS, or CML levels
• Industrial temperature grade
• Individual output enable control
• Small form factor QFN packaging
Silicon Labs offers the lowest power, highest performance PCI-Express clock generators in the market. All devices in the
portfolio feature low power push-pull output buffer technology, providing benefits of low power consumption, reduced
external terminating resistors and smaller packaging. To optimize performance, the devices support programmable drive
strength, rise/fall times and output impedance. Basic HCSL PCIe and high-performance differential clocks and buffers are
available. Support for down spread spectrum clock generation is also provided.
PCI Express Clock Generators (PCIe)
PART NUMBER CONTROL
CLOCK
INPUT/
OUTPUTS
INPUT
FREQUENCY
(MHz)
OUTPUT
FREQUENCY
(MHz)
PHASE
JITTER
(RMS)
VDD
VDDO
OUTPUT
PACKAGE
Si52142
Pin/I2C
1/3
25 MHz
100 MHz, 25 MHz
1.0 ps
3.3 V
3.3 V
HSCL, LVCMOS
QFN24
Si52143
Pin/I2C
1/5
25 MHz
100 MHz, 25 MHz
1.0 ps
3.3 V
3.3 V
HSCL, LVCMOS
QFN24
Si52144
Pin/I2C
1/4
25 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HSCL
QFN24
Si52146
Pin/I2C
1/6
25 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HSCL
QFN32
Si52147
Pin/I2C
1/9
25 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HSCL
QFN48
SL28SRC01
Pin
1/1
14.318 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HCSL
TSSOP16
SL28SRC02
Pin
1/2
14.318 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HCSL
TSSOP20
SL28SRC04
Pin
1/4
14.318 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HCSL
TSSOP24
Si5334
Pin
1/4
5 - 710 (Clock),
8 - 30 (Xtal)
0.16 - 710 MHz
1.0 ps
1.8, 2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS, LVDS, LVPECL, HCSL,
SSTL, HSTL
QFN24
Si5335
Pin
1/4
10 - 350 (Clock),
25/27 (Xtal)
1 - 350 MHz
1.0 ps
1.8, 2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS, LVDS, LVPECL, HCSL,
SSTL, HSTL, CML
QFN24
Si5338
I2C
1/4
5 - 710 (Clock)
8 - 30 (Xtal)
0.16 - 710 MHz
1.0 ps
1.8, 2.5, 3.3 V
1.8, 2.5, 3.3 V
LVPECL, LVDS, LVCMOS, HCSL,
SSTL, HSTL
QFN24
Nana Flash
Nana Flash
Nana Flash
Nana Flash
Flash Controller
Flash Controller
Nana Flash
Nana Flash
NAND Flash
NAND Flash
ASIC
ASIC
Flash Controller
Flash Controller
Nana Flash
Nana Flash
Nana Flash
Nana Flash
Nana Flash
Nana Flash
NAND Flash
NAND Flash
100 MHz HCSL
100 MHz HCSL
100 MHz HCSL
100 MHz HCSL
Nana Flash
Nana Flash
Nana Flash
Nana Flash
Flash Controller
Flash Controller
Nana Flash
Nana Flash
NAND Flash
NAND Flash
100 MHz HCSL
Si53154
Clock
Generator
Si53154
Clock
Generator


Numéro de pièce similaire - SL28EB717

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SL28EB742 ETC2-SL28EB742 Datasheet
231Kb / 40P
   INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
logo
Silicon Laboratories
SL28EB742 SILABS-SL28EB742 Datasheet
302Kb / 43P
   EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
SL28EB742ALC SILABS-SL28EB742ALC Datasheet
302Kb / 43P
   EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
More results

Description similaire - SL28EB717

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com