Moteur de recherche de fiches techniques de composants électroniques |
|
TIP120 Fiches technique(PDF) 4 Page - Continental Device India Limited |
|
TIP120 Fiches technique(HTML) 4 Page - Continental Device India Limited |
4 / 4 page Notes TIP120 TIP125 TIP121 TIP126 TIP122 TIP127 NPN PNP TO-220 Plastic Package TIP120_127Rev 311002E Disclaimer The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. CDIL is a registered Trademark of Continental Device India Limited C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com Continental Device India Limited Data Sheet Page 4 of 4 |
Numéro de pièce similaire - TIP120 |
|
Description similaire - TIP120 |