Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSBB20CH60SL Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FSBB20CH60SL
Description  Motion SPM짰 3 Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB20CH60SL Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FSBB20CH60SL Datasheet HTML 1Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 2Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 3Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 4Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 5Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 6Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 7Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 8Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
January 2014
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSBB20CH60 Rev. C6
FSBB20CH60
Motion SPM® 3 Series
Features
• UL Certified No. E209204 (UL1557)
• 600 V - 20 A 3-Phase IGBT Inverter with Integral Gate
Drivers and Protection
• Low-Loss, Short-Circuit Rated IGBTs
• Very Low Thermal Resistance Using Al2O3 DBC Sub-
strate
• Dedicated Vs Pins Simplify PCB Layout
• Separate Open-Emitter Pins from Low-Side IGBTs for
Three-Phase Current Sensing
• Single-Grounded Power Supply
• Isolation Rating: 2500 Vrms / min.
Applications
• Motion Control - Home Appliance / Industrial Motor
Related Resources
• AN-9035 - Motion SPM 3 Series Ver.2 User’s Guide
General Description
FSBB20CH60 is a Motion SPM® 3 module providing a
fully-featured, high-performance inverter output stage
for AC Induction, BLDC, and PMSM motors. These mod-
ules integrate optimized gate drive of the built-in IGBTs
to minimize EMI and losses, while also providing multi-
ple on-module protection features including under-volt-
age lockouts, over-current shutdown, and fault reporting.
The built-in, high-speed HVIC requires only a single sup-
ply voltage and translates the incoming logic-level gate
inputs to the high-voltage, high-current drive signals
required to properly drive the module's internal IGBTs.
Separate negative IGBT terminals are available for each
phase to support the widest variety of control algorithms.
Package Marking and Ordering Information
Figure 1. Package Overview
Device
Device Marking
Package
Packing Type
Quantity
FSBB20CH60
FSBB20CH60
SPMCA-027
Rail
10


Numéro de pièce similaire - FSBB20CH60SL

FabricantNo de pièceFiches techniqueDescription
logo
Etron Technology, Inc.
FSBB20CH60 ETRON-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
logo
Fairchild Semiconductor
FSBB20CH60 FAIRCHILD-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
FSBB20CH60BT FAIRCHILD-FSBB20CH60BT Datasheet
414Kb / 17P
   Smart Power Module
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
470Kb / 17P
   Smart Power Module
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
698Kb / 17P
   Smart Power Module
More results

Description similaire - FSBB20CH60SL

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FSBB30CH60F ONSEMI-FSBB30CH60F Datasheet
1Mb / 15P
   Motion SPM짰 3 Series
December-2017, Rev. 3
FSBB20CH60C ONSEMI-FSBB20CH60C Datasheet
662Kb / 16P
   Motion SPM짰 3 Series
February 2016 Rev. 1.6
FNF51060TD1 ONSEMI-FNF51060TD1 Datasheet
546Kb / 17P
   Motion SPM짰 55 Series
April 2017 Rev. 1.1
logo
Fairchild Semiconductor
FSB50450AS FAIRCHILD-FSB50450AS Datasheet
611Kb / 10P
   FSB50450AS Motion SPM짰 5 Series
logo
ON Semiconductor
FNA23512A ONSEMI-FNA23512A Datasheet
945Kb / 14P
   1200 V Motion SPM짰 2 Series
October-2017,Rev.3
FSBB20CH60D ONSEMI-FSBB20CH60D Datasheet
758Kb / 17P
   Motion SPM 3 Series
August 2015 Rev. 1.0
FSBB30CH60CT ONSEMI-FSBB30CH60CT Datasheet
784Kb / 17P
   Motion SPM 3 Series
January 2014 Rev. C3
logo
Fairchild Semiconductor
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
logo
ON Semiconductor
FNB34060T6 ONSEMI-FNB34060T6_V01 Datasheet
731Kb / 16P
   Motion SPM 3 Series
April, 2019 - Rev. 2
logo
Fairchild Semiconductor
FNB33060T FAIRCHILD-FNB33060T Datasheet
1Mb / 15P
   Motion SPMR 3 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com