Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJ15003 Fiches technique(PDF) 4 Page - Nell Semiconductor Co., Ltd

No de pièce MJ15003
Description  Complementary Silicon power transistors (20A / 140V / 250W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NELLSEMI [Nell Semiconductor Co., Ltd]
Site Internet  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MJ15003 Fiches technique(HTML) 4 Page - Nell Semiconductor Co., Ltd

  MJ15003 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MJ15003 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MJ15003 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd MJ15003 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fig.5 Capacitances
0.1
0.2
0.5
10
20
50
100
0.1
0.2
0.5
1.0
2.0 3.0
5.0
10
0
Reverse voltage, V (Volts)
R
Collector current,
(Amp)
lC
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
MJ15004(PNP)
MJ15003(NPN)
10
9
8
7
6
5
4
3
2
1
MJ15004(PNP)
MJ15003(NPN)
V
= 10V
CE
f
= 0.5MHz
test
T = 25
°C
J
2000
1000
500
200
100
50
20
Page 4 of 4
www.nellsemi.com
T = 25
°C
C
Cob
Cib
Fig.6 Transiton frequency
(Current Gain-Bandwidth product)
MJ15004(PNP)
MJ15003(NPN)


Numéro de pièce similaire - MJ15003

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
MJ15003 MOSPEC-MJ15003 Datasheet
156Kb / 3P
   POWER TRANSISTORS(20A,140V,250W)
logo
Motorola, Inc
MJ15003 MOTOROLA-MJ15003 Datasheet
119Kb / 4P
   20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS
logo
Wing Shing Computer Com...
MJ15003 WINGS-MJ15003 Datasheet
47Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
ON Semiconductor
MJ15003 ONSEMI-MJ15003 Datasheet
60Kb / 3P
   Complementary Silicon Power Transistors
September, 2013 ??Rev. 16
logo
Savantic, Inc.
MJ15003 SAVANTIC-MJ15003 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
More results

Description similaire - MJ15003

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
MJ15003 MOSPEC-MJ15003 Datasheet
156Kb / 3P
   POWER TRANSISTORS(20A,140V,250W)
MJ10024 MOSPEC-MJ10024 Datasheet
205Kb / 4P
   POWER TRANSISTORS(20A,750-850V,250W)
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com