Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL0534 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce HCPL0534
Description  Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0534 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  HCPL0534 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0534 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0534 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0534 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0534 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0534 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0534 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0534 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0534 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL0XXX Rev. 1.0.4
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +85
°C
Reflow Temperature Profile (Refer to page 11)
EMITTER
IF (avg)
DC/Average Forward Input Current
25
mA
IF (pk)
Peak Forward Input Current (50% duty cycle, 1ms P.W.)
50
mA
IF (trans)
Peak Transient Input Current - ([
≤1µs P.W., 300 pps)
1.0
A
VR
Reverse Input Voltage
5
V
PD
Input Power Dissipation
45
mW
DETECTOR
IO (avg)
Average Output Current (Pin 6)
8
mA
IO (pk)
Peak Output Current
16
mA
VEBR
Emitter-Base Reverse Voltage (HCPL0500/HCPL0501 only)
5
V
VCC
Supply Voltage
-0.5 to 30
V
VO
Output Voltage
-0.5 to 20
V
IB
Base Current (HCPL0500/HCPL0501 only)
5
mA
PD
Output power dissipation
100
mW


Numéro de pièce similaire - HCPL0534

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL0534 FAIRCHILD-HCPL0534 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL0534 FAIRCHILD-HCPL0534 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0534 FAIRCHILD-HCPL0534 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0534 FAIRCHILD-HCPL0534 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0534 FAIRCHILD-HCPL0534 Datasheet
335Kb / 12P
   High Speed Transistor Optocouplers
More results

Description similaire - HCPL0534

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL0453 FAIRCHILD-HCPL0453_09 Datasheet
335Kb / 12P
   Single Channel: HCPL0452 HCPL0453 HCPL0500 HCPL0501 Dual Channel: HCPL0530 HCPL0531 HCPL0534
logo
Sames
SA4104AB SAMES-SA4104AB Datasheet
564Kb / 18P
   Single Channel Single Phase Energy
SA4106A SAMES-SA4106A Datasheet
568Kb / 18P
   Single Channel Single Phase Energy
logo
List of Unclassifed Man...
MMC4067 ETC-MMC4067 Datasheet
210Kb / 5P
   SINGLE 16-CHANNEL
logo
International Rectifier
IR2117SPBF IRF-IR2117SPBF Datasheet
161Kb / 18P
   SINGLE CHANNEL DRIVER
logo
Jingjing Microelectroni...
EG8305 EGMICRO-EG8305 Datasheet
660Kb / 11P
   SIngle-channel D
logo
List of Unclassifed Man...
310B ETC-310B Datasheet
49Kb / 1P
   SINGLE-CHANNEL AUDIO
logo
International Rectifier
IRS2117PBF IRF-IRS2117PBF Datasheet
378Kb / 19P
   SINGLE CHANNEL DRIVER
logo
Fairchild Semiconductor
FODB100 FAIRCHILD-FODB100 Datasheet
143Kb / 8P
   SINGLE CHANNEL MICROCOUPLER?
logo
International Rectifier
IRS2117PBF IRF-IRS2117PBF_15 Datasheet
902Kb / 26P
   SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com