Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL0531 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce HCPL0531
Description  Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0531 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button HCPL0531 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0531 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0531 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0531 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0531 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0531 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0531 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0531 Datasheet HTML 9Page - Fairchild Semiconductor HCPL0531 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL0XXX Rev. 1.0.4
6
Typical Performance Curves
Fig. 1 Normalized CTR vs. Forward Current
IF - FORWARD CURRENT (mA)
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 2 Normalized CTR vs. Temperature
TA - TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 3 Output Current vs. Output Voltage
VO - OUTPUT VOLTAGE (V)
02468
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
IF = 5 mA
IF = 10 mA
IF = 15 mA
IF = 20 mA
IF = 25 mA
IF = 30 mA
IF = 35 mA
IF = 40 mA
Normalized to:
IF = 16 mA
VO = 0.4 V
VCC = 5 V
TA = 25°C
Normalized to:
TA = 25°C
IF = 16mA
VCC = 5 V
VO = 0.4 V
Fig. 4 Logic High Output Current
vs. Temperature
TA - TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0.1
1
10
100
1000
Fig. 5 Propagation Delay vs. Temperature
TA - TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
600
700
800
RL = 1.9 K (TPHL)
R = 4.1 K (TPLH)
L
RL = 1.9 K (TPLH)
RL = 4.1 K (TPLH)
Fig. 6 Propagation Delay vs. Load Resistance
RL = LOAD RESISTANCE (kΩ)
1
10
100
1000
10000
IF - 16 mA (TPHL)
IF - 10 mA (TPHL)
IF - 10 mA (TPLH)
IF - 16 mA (TPLH)
TA = 25°C
VCC = 5 V
IF = 0 mA
VCC = 5 V
VO = 5 V
IF = 16 mA
VCC = 5 V
VCC = 5 V
TA = 25°C


Numéro de pièce similaire - HCPL0531

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL0531 FAIRCHILD-HCPL0531 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL0531 FAIRCHILD-HCPL0531 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0531 FAIRCHILD-HCPL0531 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0531 FAIRCHILD-HCPL0531 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0531 FAIRCHILD-HCPL0531 Datasheet
335Kb / 12P
   High Speed Transistor Optocouplers
More results

Description similaire - HCPL0531

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL0453 FAIRCHILD-HCPL0453_09 Datasheet
335Kb / 12P
   Single Channel: HCPL0452 HCPL0453 HCPL0500 HCPL0501 Dual Channel: HCPL0530 HCPL0531 HCPL0534
logo
Sames
SA4104AB SAMES-SA4104AB Datasheet
564Kb / 18P
   Single Channel Single Phase Energy
SA4106A SAMES-SA4106A Datasheet
568Kb / 18P
   Single Channel Single Phase Energy
logo
List of Unclassifed Man...
MMC4067 ETC-MMC4067 Datasheet
210Kb / 5P
   SINGLE 16-CHANNEL
logo
International Rectifier
IR2117SPBF IRF-IR2117SPBF Datasheet
161Kb / 18P
   SINGLE CHANNEL DRIVER
logo
Jingjing Microelectroni...
EG8305 EGMICRO-EG8305 Datasheet
660Kb / 11P
   SIngle-channel D
logo
List of Unclassifed Man...
310B ETC-310B Datasheet
49Kb / 1P
   SINGLE-CHANNEL AUDIO
logo
International Rectifier
IRS2117PBF IRF-IRS2117PBF Datasheet
378Kb / 19P
   SINGLE CHANNEL DRIVER
logo
Fairchild Semiconductor
FODB100 FAIRCHILD-FODB100 Datasheet
143Kb / 8P
   SINGLE CHANNEL MICROCOUPLER?
logo
International Rectifier
IRS2117PBF IRF-IRS2117PBF_15 Datasheet
902Kb / 26P
   SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com