Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-3100 Fiches technique(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-3100
Description  Power MOSFET/IGBT Gate Drive Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3100 Fiches technique(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3100 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Figure 11. LED forward current vs. ambient
temperature, HCPL-3100.
Figure 13. Maximum power dissipation
vs. ambient temperature, HCPL-3100.
Figure 9. Test circuit for tPLH, tPHL, tr, and tf.
Figure 10. Test circuit for CMH and CML.
Figure 12. LED forward current vs. ambient
temperature, HCPL-3101.
IF
VO2
VCC
-
+
+
CG
RG
VIN
t = t = 0.01
µs
PULSE WIDTH 5
µs
DUTY RATIO 50%
t f
t r
t PLH
t PLH
50%
90%
50%
10%
V
WAVE FORM
V
WAVE FORM
IN
OUT
rf
Q2
Q1
8
7
6
5
GND
1
2
3
4
HCPL-3100
VO2
VO1
VCC
IF
VO2
VCC
-
+
+
AB
SW
VCM
+
GND
VCM
VO2H
VO2L
GND
∆ V
O2H
VCM
SW AT A, I = 10 mA, HCPL-3100
F
CM , V
L
SW AT B, I = 0 mA
F
O2
CM , V
HO2
SW AT A, I = 5 mA, HCPL-3101
F
Q2
Q1
8
7
6
5
GND
1
2
3
4
HCPL-3100
VO2
VO1
VCC
∆ VO2L
60
50
40
30
20
10
0
-40 -25
0
25
50
AMBIENT TEMPERATURE TA (°C)
75
100
125
60
50
40
30
20
10
0
-40 -25
0
25
50
AMBIENT TEMPERATURE TA (°C)
75 85 100
125
600
500
400
300
200
100
0
-40 -25
0
25
50
AMBIENT TEMPERATURE TA (°C)
75
100
125
PO
Ptot


Numéro de pièce similaire - HCPL-3100

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-3100 HP-HCPL-3100 Datasheet
233Kb / 10P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
More results

Description similaire - HCPL-3100

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-3100 HP-HCPL-3100 Datasheet
233Kb / 10P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101-000E AVAGO-HCPL-3101-000E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
   Isolated IGBT/Power MOSFET gate drive
logo
ISOCOM COMPONENTS
IS314P ISOCOM-IS314P Datasheet
3Mb / 17P
   IGBT/MOSFET Gate Drive
ICPL3120 ISOCOM-ICPL3120 Datasheet
1Mb / 14P
   IGBT/MOSFET Gate Drive
IS314W ISOCOM-IS314W Datasheet
991Kb / 17P
   IGBT/MOSFET Gate Drive
IS341W ISOCOM-IS341W Datasheet
1Mb / 17P
   IGBT/MOSFET Gate Drive
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
   Isolated IGBT/MOSFET Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com