Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL0452 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce HCPL0452
Description  Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0452 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  HCPL0452 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0452 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0452 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0452 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0452 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0452 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0452 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0452 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0452 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL0XXX Rev. 1.0.4
3
Electrical Characteristics (T
A = 0 to 70°C unless otherwise specified)
Individual Component Characteristics
Transfer Characteristics
*All typicals at TA = 25°C
Symbol
Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 16mA, TA = 25°C
All
1.45
1.7
V
IF = 16mA
1.8
BVR
Input Reverse Breakdown
Voltage
IR = 10µA
All
5.0
V
∆V
F / ∆TA
Temperature Coefficient of
Forward Voltage
IF = 16mA
All
-1.6
mV/°C
DETECTOR
IOH
Logic High Output Current
IF = 0mA, VO = VCC = 5.5V,
TA = 25°C
All
0.001
0.5
µA
IF = 0mA, VO = VCC = 15V,
TA = 25°C
All
0.005
1
IF = 0 mA, VO = VCC = 15V
All
50
ICCL
Logic Low Supply Current
IF = 16mA, VO = Open,
VCC = 15V
HCPL0452/3/
0500/1
120
200
µA
HCPL0530/1
/4
400
ICCH
Logic High Supply Current
IF = 0mA, VO = Open,
VCC = 15V, TA = 25°C
All
0.01
1
µA
IF = 0mA, VO = Open,
VCC = 15V
HCPL0452/3/
0500/1
2
HCPL0530/1
/4
4
Symbol
Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
COUPLED
CTR
Current Tranfer Ratio
(Note 1)
IF = 16mA, VO = 0.4V,
VCC = 4.5V, TA = 25°C
HCPL0500/0530
7
2.7
50
%
HCPL0452/3
19
27
50
HCPL0501/0531
IF = 16mA, VO = 0.5V,
VCC = 4.5V
HCPL0500
5
30
HCPL0452/3
15
30
HCPL0501/0534
VOL
Logic Low Output Voltage
IF = 16mA, IO = 1.1mA,
VCC = 4.5V, TA = 25°C
HCPL0500
0.18
0.4
V
HCPL0530
0.5
IF = 16mA, IO = 3mA,
VCC = 4.5V, TA = 25°C
HCPL0452/3
0.25
0.4
HCPL0501/0531/4
IF = 16mA, IO = 0.8mA,
VCC = 4.5V
HCPL0500
HCPL0530
0.13
0.5
IF = 16mA, IO = 2.4mA,
VCC = 4.5V
HCPL0452/3
0.23
0.5
HCPL0501/0531/4


Numéro de pièce similaire - HCPL0452

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
335Kb / 12P
   High Speed Transistor Optocouplers
More results

Description similaire - HCPL0452

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL0453 FAIRCHILD-HCPL0453_09 Datasheet
335Kb / 12P
   Single Channel: HCPL0452 HCPL0453 HCPL0500 HCPL0501 Dual Channel: HCPL0530 HCPL0531 HCPL0534
logo
Sames
SA4104AB SAMES-SA4104AB Datasheet
564Kb / 18P
   Single Channel Single Phase Energy
SA4106A SAMES-SA4106A Datasheet
568Kb / 18P
   Single Channel Single Phase Energy
logo
List of Unclassifed Man...
MMC4067 ETC-MMC4067 Datasheet
210Kb / 5P
   SINGLE 16-CHANNEL
logo
International Rectifier
IR2117SPBF IRF-IR2117SPBF Datasheet
161Kb / 18P
   SINGLE CHANNEL DRIVER
logo
Jingjing Microelectroni...
EG8305 EGMICRO-EG8305 Datasheet
660Kb / 11P
   SIngle-channel D
logo
List of Unclassifed Man...
310B ETC-310B Datasheet
49Kb / 1P
   SINGLE-CHANNEL AUDIO
logo
International Rectifier
IRS2117PBF IRF-IRS2117PBF Datasheet
378Kb / 19P
   SINGLE CHANNEL DRIVER
logo
Fairchild Semiconductor
FODB100 FAIRCHILD-FODB100 Datasheet
143Kb / 8P
   SINGLE CHANNEL MICROCOUPLER?
logo
International Rectifier
IRS2117PBF IRF-IRS2117PBF_15 Datasheet
902Kb / 26P
   SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com