Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ358 Fiches technique(PDF) 3 Page - NEC

No de pièce 2SJ358
Description  P-CHANNEL MOS FET FOR HIGH-SPEED SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SJ358 Fiches technique(HTML) 3 Page - NEC

  2SJ358 Datasheet HTML 1Page - NEC 2SJ358 Datasheet HTML 2Page - NEC 2SJ358 Datasheet HTML 3Page - NEC 2SJ358 Datasheet HTML 4Page - NEC 2SJ358 Datasheet HTML 5Page - NEC 2SJ358 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SJ358
3
–10
–1
–8
–6
–4
–2
0–2
–3
–4
–5
VDS – Drain to Source Voltage – V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
–10
–1
–1
–0.1
–0.01
–2
–3
VGS – Gate to Source Voltage – V
TRANSFER CHARACTERISTICS
–4
–0.00001
–0.0001
–0.001
Pulsed
–4.5
V
–4.0
V
–3.5 V
–3.0 V
–2.5 V
VGS = –2.0 V
Ta = –25 ˚C
Ta = 150 ˚C
Ta = 0 ˚C
Ta = 25 ˚C
Ta = 75 ˚C
10
–0.001
1
0.1
0.01
–0.01
–0.1
–1
ID – Drain Current – A
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
0.7
–0.01
0.3
–0.01
–0.1
ID – Drain Current – A
–10
0
0.1
VDS = –10 V
Pulsed
0.001
–0.0001
Ta = 75 ˚C
Ta = 25 ˚C
Ta = 150 ˚C
Ta = 0 ˚C
Ta = –25 ˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRINT
–1
0.5
VDS = –10 V
Pulsed
VGS = –4 V
Pulsed
0.5
–0.01
0.4
0.3
0.1
–0.1
–1
–10
ID – Drain Current – A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
VGS = –10 V
Pulsed
0
–0.001
Ta = 25 ˚C
0.2
Ta = 0 ˚C
Ta = –25 ˚C
Ta = 150 ˚C
Ta = 75 ˚C
0.6
0.2
0.4
–2
VGS – Gate to Source Voltage – V
0
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
Pulsed
0.6
0.2
0.4
–4
–6
–8 –10 –12 –14 –16 –18 –20
ID = 1.5 A
ID = 3.0 A
Ta = 25 ˚C
Ta = –25 ˚C
Ta = 0 ˚C
Ta = 75 ˚C
Ta = 150 ˚C


Numéro de pièce similaire - 2SJ358

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SJ358 RENESAS-2SJ358 Datasheet
288Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1994
2SJ358C RENESAS-2SJ358C Datasheet
209Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
2SJ358C-T1-AY RENESAS-2SJ358C-T1-AY Datasheet
209Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
2SJ358C-T1-AZ RENESAS-2SJ358C-T1-AZ Datasheet
209Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
More results

Description similaire - 2SJ358

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SJ357 NEC-2SJ357 Datasheet
64Kb / 8P
   P-CHANNEL MOS FET FOR HIGH-SPEED SWITCH
2SJ184 NEC-2SJ184 Datasheet
394Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ353 NEC-2SJ353 Datasheet
58Kb / 6P
   P-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
logo
Guangdong Kexin Industr...
2SJ181S KEXIN-2SJ181S Datasheet
45Kb / 2P
   P-Channel MOS FET For High-Speed Switching
logo
NEC
2SJ166 NEC-2SJ166 Datasheet
350Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ178 NEC-2SJ178 Datasheet
399Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ179 NEC-2SJ179 Datasheet
320Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ180 NEC-2SJ180 Datasheet
373Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ185 NEC-2SJ185 Datasheet
401Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ356 NEC-2SJ356 Datasheet
68Kb / 6P
   P-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com