Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN6863W Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FAN6863W
Description  Highly Integrated Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6863W Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN6863W Datasheet HTML 3Page - Fairchild Semiconductor FAN6863W Datasheet HTML 4Page - Fairchild Semiconductor FAN6863W Datasheet HTML 5Page - Fairchild Semiconductor FAN6863W Datasheet HTML 6Page - Fairchild Semiconductor FAN6863W Datasheet HTML 7Page - Fairchild Semiconductor FAN6863W Datasheet HTML 8Page - Fairchild Semiconductor FAN6863W Datasheet HTML 9Page - Fairchild Semiconductor FAN6863W Datasheet HTML 10Page - Fairchild Semiconductor FAN6863W Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6863W • Rev. 1.0.1
7
Electrical Characteristics (Continued)
VDD = 15V and TA = 25°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
PWM Output Section
DCYMAX
Maximum Duty Cycle
68
75
85
%
VOL
Output Voltage LOW
VDD = 15V, IO = 50mA
1.5
V
VOH
Output Voltage HIGH
VDD = 8V, IO = 50mA
6
V
tR
Rising Time (with Soft Driving)
GATE = 1nF
150
ns
tF
Falling Time
GATE = 1nF
35
ns
VCLAMP
Gate Output Clamping Voltage
VDD = 20V
12.0
13.5
15.0
V
IO-SOURCE
Gate Source Driving Capability
VDD = 15V
400
mA
IO-SINK
Gate Sink Driving Capability
VDD = 15V
400
mA
Over-Temperature Protection (OTP) Section
RRT
Maximum External Resistance of RT Pin
to Trigger Protection
9.2
10
11
kΩ
VOTP
Threshold Voltage for Over-Temperature
Protection
FAN6863W,
FAN6863WL-Latch,
FAN6863WR-Auto
Restart, at 25°C
0.95
1.00
1.05
V
IRT
Output Current of RT Pin
92
100
108
μA
tDOTP
Over-Temperature Debounce Time
VFB=VFB-N
15
17
19
ms
VOTP2
Second Threshold Voltage for Over-
Temperature Protection
FAN6863W,
FAN6863WL-Latch,
FAN6863WR-Auto
Restart, at 25°C
0.65
0.70
0.75
V
tDOTP2
Second Over-Temperature Debounce
Time
80
135
200
µs
TOTP
Protection Junction Temperature
(1)
+135
°C
TRestart
Restart Junction Temperature
(2)
TOTP-
25
°C
Notes
:
1.
When activated, the output is disabled and the latch is turned off.
2.
The threshold temperature for enabling the output again and resetting the latch after OTP has been activated.


Numéro de pièce similaire - FAN6863W

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Low Standby Power: Under 0.1W
More results

Description similaire - FAN6863W

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com