Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5037 Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FAN5037
Description  Adjustable Switching Regulator Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5037 Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5037 Datasheet HTML 3Page - Fairchild Semiconductor FAN5037 Datasheet HTML 4Page - Fairchild Semiconductor FAN5037 Datasheet HTML 5Page - Fairchild Semiconductor FAN5037 Datasheet HTML 6Page - Fairchild Semiconductor FAN5037 Datasheet HTML 7Page - Fairchild Semiconductor FAN5037 Datasheet HTML 8Page - Fairchild Semiconductor FAN5037 Datasheet HTML 9Page - Fairchild Semiconductor FAN5037 Datasheet HTML 10Page - Fairchild Semiconductor FAN5037 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PRODUCT SPECIFICATION
FAN5037
REV. 1.0.3 9/26/01
7
charged and discharged through the enabling and disabling
of the fixed current source. The variable current source is
controlled from the error inputs that are received from the
current and voltage feedback signals. The oscillator off-time
is controlled by the amount of current that is available from
the variable current source to charge the external capacitor up
to the high threshold level of the comparator. The on-time is
set by the constant current source that discharges the external
capacitor voltage down to the lower comparator threshold.
Figure 2. FAN5037 Detailed Block Diagram
IO
ION
Constant On-Time Oscillator
gm
gm
VH
VL
VOUT
+5V
VCCA
IFBL
IFBH
VCCP
FBSW
SDRV
GNDP
CEXT
65-5037-07
+12V
REF
6
5
1
2
4
3
8
7
Output Voltage Selection
The FAN5037 precision reference is trimmed to be 1.2V
nominally. When using the FAN5037, the system designer
has complete flexibility in choosing the output voltage for
one regulator from 1.2V to 3.6V. This is done by appropri-
ately selecting the feedback resistors. These could be 0.1%
resistors to realize optimum output accuracy. The following
equations determines the output voltage of the regulator:
For example, for 3.3V:
Input Capacitors
The number of input capacitors required for the FAN5037 is
dependent on their ripple current rating, which assures their
rated life. The number required may be determined by
where the duty cycle DC = (Vout + Vf,diode) / Vin. For exam-
ple, with a 1.5V output at 10A, 5V input, and using the
Sanyo capacitors specified in Table 1 which have a 2A ripple
current rating, we have DC = (1.5 + .5)/5 = 0.4, and
so that we need 3 input capacitors.
Short Circuit Considerations
The FAN5037 uses a current sensing scheme to limit the load
current if an output fault condition occurs. The current sense
resistor carries the peak current of the inductor, which is
greater than the maximum load current due to ripple current
flowing in the inductor. The FAN5037 will begin to limit the
output current to the load by reducing the duty cycle of the
top-side MOSFET driver when the voltage across the cur-
rent-sense resistor exceeds the short circuit comparator
threshold voltage (Vth). When this happens the output volt-
age will temporarily go out of regulation. As the voltage
across the sense resistor becomes larger, the duty cycle of the
top-side MOSFET will continue to be reduced until the cur-
rent limit value is reached. At this point, the FAN5037 will
continuously deliver the limit current at a reduced output
voltage level. The short circuit comparator threshold voltage
is typically 90mV, with a tolerance of ±10mV. The ripple
current flowing through the inductor in Figure 1 is 0.6Apeak.
Refer to Application Note AB-23 for detailed discussions.
The sense resistor value can be approximated as follows:
V
OUT
1.2
R4
R5
+
R5
---------------------


×
=
(1)
V
OUT
1.2
R4
R5
+
R5
---------------------


×
1.2
3.48k
2.0k
+
2.0k
-------------------------------


×
3.3V
==
=
No. Caps
I
out
DC
DC
2
*
I
rating
----------------------------------------
=
(2)
No. Caps
10
0.4
0.4
2
*
2
-----------------------------------
2.44
==
R
SENSE
V
th,min
I
PK
----------------
1TF
()
×
V
th,min
0.6A
I
LOAD,MAX
+
---------------------------------------------
1TF
()
×
==
(3)


Numéro de pièce similaire - FAN5037

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5037 FAIRCHILD-FAN5037 Datasheet
101Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037 FAIRCHILD-FAN5037 Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
More results

Description similaire - FAN5037

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5037 FAIRCHILD-FAN5037 Datasheet
101Kb / 11P
   Adjustable Switching Regulator Controller
RC5037 FAIRCHILD-RC5037 Datasheet
81Kb / 12P
   Adjustable Switching Regulator Controller
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com