Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ355 Fiches technique(PDF) 3 Page - NEC

No de pièce 2SJ355
Description  P-CHANNEL MOS FET FOR HIGH SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SJ355 Fiches technique(HTML) 3 Page - NEC

  2SJ355 Datasheet HTML 1Page - NEC 2SJ355 Datasheet HTML 2Page - NEC 2SJ355 Datasheet HTML 3Page - NEC 2SJ355 Datasheet HTML 4Page - NEC 2SJ355 Datasheet HTML 5Page - NEC 2SJ355 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SJ355
3
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
–0.001
0.6
0.4
0.2
0
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
1
0.8
0.6
0.4
0.2
VGS = –10 V
Pulsed
–10
–0.01
–0.1
–1
TA = 75 ˚C
TA = 25 ˚C
TA = 150 ˚C
TA = 0 ˚C
TA = –25 ˚C
–20
–2
–4
–6
–8 –10 –12 –14 –16 –18
Pulsed
ID = 2.0 A
ID = 1.0 A
ID - Drain Current - A
VGS - Gate to Source Voltage - V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
0
–5
–4
–3
–2
–1
VDS - Drain to Source Voltage - V
TRANSFER CHARACTERISTICS
–1
–10
–1
–0.1
–0.01
–0.001
–0.0001
–0.00001
VGS - Gate to Source Voltage - V
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
–0.0001
10
1
0.1
0.01
0.001
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
–0.001
1
0.8
0.6
0.4
0.2
0
ID - Drain Current - A
Pulsed
–4.5
V
–4.0 V
–3.5 V
–3.0 V
–2.5 V
VGS = –2.0 V
–2
–3
–4
TA = 150 ˚C
VDS = –10 V
Pulsed
TA = –25 ˚C
TA = 0 ˚C
TA = 25 ˚C
TA = 75 ˚C
VDS = –10 V
Pulsed
–1
–0.001
–0.01
–0.1
TA = 150 ˚C
TA = 0 ˚C
TA = –25 ˚C
TA = 25 ˚C
TA = 75 ˚C
TA = 150 ˚C
–10
–0.01
–0.1
–1
TA = 75 ˚C
TA = 25 ˚C
TA = 0 ˚C
TA = –25 ˚C
–1
–2
–3
–4
–5
VGS = –4 V
Pulsed


Numéro de pièce similaire - 2SJ355

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
2SJ355 VBSEMI-2SJ355 Datasheet
985Kb / 8P
   P-Channel 30-V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ355 RENESAS-2SJ355 Datasheet
268Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
More results

Description similaire - 2SJ355

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SJ199 NEC-2SJ199 Datasheet
308Kb / 6P
   P-CHANNEL MOS FET FOR SWITCHING
2SJ243 NEC-2SJ243 Datasheet
61Kb / 6P
   P-CHANNEL MOS FET FOR SWITCHING
2SJ165 NEC-2SJ165 Datasheet
384Kb / 6P
   P-CHANNEL MOS FET FOR SWITCHING
2SJ197 NEC-2SJ197 Datasheet
301Kb / 6P
   P-CHANNEL MOS FET FOR SWITCHING
2SJ202 NEC-2SJ202 Datasheet
406Kb / 6P
   P-CHANNEL MOS FET FOR SWITCHING
2SJ209 NEC-2SJ209 Datasheet
422Kb / 6P
   P-CHANNEL MOS FET FOR SWITCHING
2SJ211 NEC-2SJ211 Datasheet
394Kb / 6P
   P-CHANNEL MOS FET FOR SWITCHING
2SJ196 NEC-2SJ196 Datasheet
386Kb / 6P
   P-CHANNEL MOS FET FOR SWITCHING
2SJ204 NEC-2SJ204 Datasheet
323Kb / 6P
   P-CHANNEL MOS FET FOR SWITCHING
2SJ205 NEC-2SJ205 Datasheet
307Kb / 6P
   P-CHANNEL MOS FET FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com