Moteur de recherche de fiches techniques de composants électroniques |
|
UC2843B Fiches technique(PDF) 4 Page - STMicroelectronics |
|
UC2843B Fiches technique(HTML) 4 Page - STMicroelectronics |
4 / 15 page Notes : 1. Max package power dissipation limits must be respected; low duty cycle pulse techniques are used during test maintain Tj as close to Tamb as possible. 2. These parameters, although guaranteed, are not 100% tested in production. 3. Parameter measured at trip point of latch with VPIN2 = 0. 4. Gain defined as : ∆ VPIN1 A = ; 0 ≤ VPIN3 ≤ 0.8 V ∆ VPIN3 5. Adjust Vi above the start threshold before setting at 15 V. ELECTRICAL CHARACTERISTICS (continued) Symbol Parameter Test Conditions UC284XB UC384XB Unit Min. Typ. Max. Min. Typ. Max. OUTPUT SECTION VOL Output Low Level ISINK = 20mA 0.1 0.4 0.1 0.4 V ISINK = 200mA 1.6 2.2 1.6 2.2 V VOH Output High Level ISOURCE = 20mA 13 13.5 13 13.5 V ISOURCE = 200mA 12 13.5 12 13.5 V VOLS UVLO Saturation VCC = 6V; ISINK = 1mA 0.1 1.1 0.1 1.1 V tr Rise Time Tj = 25 °C CL = 1nF (2) 50 150 50 150 ns tf Fall Time Tj = 25 °C CL = 1nF (2) 50 150 50 150 ns UNDER-VOLTAGE LOCKOUT SECTION Start Threshold X842B/4B 15 16 17 14.5 16 17.5 V X843B/5B 7.8 8.4 9.0 7.8 8.4 9.0 V Min Operating Voltage After Turn-on X842B/4B 9 10 11 8.5 10 11.5 V X843B/5B 7.0 7.6 8.2 7.0 7.6 8.2 V PWM SECTION Maximum Duty Cycle X842B/3B 94 96 100 94 96 100 % X844B/5B 4748 5047 4850 % Minimum Duty Cycle 0 0 % TOTAL STANDBY CURRENT Ist Start-up Current Vi = 6.5V for UCX843B/45B 0.3 0.5 0.3 0.5 mA Vi = 14V for UCX842B/44B 0.3 0.5 0.3 0.5 mA Ii Operating Supply Current VPIN2 = VPIN3 = 0V 12 17 12 17 mA Viz Zener Voltage Ii = 25mA 30 36 30 36 V UC2842B/3B/4B/5B - UC3842B/3B/4B/5B 4/15 |
Numéro de pièce similaire - UC2843B |
|
Description similaire - UC2843B |