Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF6631TR1PBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF6631TR1PBF
Description  Lead-Free (Qualified up to 260째C Reflow)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF6631TR1PBF Fiches technique(HTML) 2 Page - International Rectifier

  IRF6631TR1PBF Datasheet HTML 1Page - International Rectifier IRF6631TR1PBF Datasheet HTML 2Page - International Rectifier IRF6631TR1PBF Datasheet HTML 3Page - International Rectifier IRF6631TR1PBF Datasheet HTML 4Page - International Rectifier IRF6631TR1PBF Datasheet HTML 5Page - International Rectifier IRF6631TR1PBF Datasheet HTML 6Page - International Rectifier IRF6631TR1PBF Datasheet HTML 7Page - International Rectifier IRF6631TR1PBF Datasheet HTML 8Page - International Rectifier IRF6631TR1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF6631PbF
2
www.irf.com
Notes:
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
23
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
6.0
7.8
m
–––
8.3
10.8
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.2
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
32
–––
–––
S
Qg
Total Gate Charge
–––
12
18
Qgs1
Pre-Vth Gate-to-Source Charge
–––
3.4
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.1
–––
nC
Qgd
Gate-to-Drain Charge
–––
4.4
–––
Qgodr
Gate Charge Overdrive
–––
3.1
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
5.5
–––
Qoss
Output Charge
–––
7.3
–––
nC
RG
Gate Resistance
–––
1.6
3.0
td(on)
Turn-On Delay Time
–––
15
–––
tr
Rise Time
–––
18
–––
td(off)
Turn-Off Delay Time
–––
18
–––
ns
tf
Fall Time
–––
4.9
–––
Ciss
Input Capacitance
–––
1450
–––
Coss
Output Capacitance
–––
310
–––
pF
Crss
Reverse Transfer Capacitance
–––
170
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
42
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
100
(Body Diode)
d
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
11
17
ns
Qrr
Reverse Recovery Charge
–––
10
15
nC
di/dt = 500A/µs
i
See Fig. 18
TJ = 25°C, IS = 10A, VGS = 0V
i
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 10A
i
VDS = VGS, ID = 25µA
TJ = 25°C, IF = 10A
VGS = 4.5V
ID = 10A
VGS = 0V
VDS = 15V
ID = 10A
VDD = 16V, VGS = 4.5V
i
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 13A
i
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
VDS = 15V
VDS = 24V, VGS = 0V, TJ = 125°C
MOSFET symbol
Clamped Inductive Load
VDS = 15V, ID = 10A
Conditions
See Fig. 16 & 17
ƒ = 1.0MHz
VDS = 16V, VGS = 0V


Numéro de pièce similaire - IRF6631TR1PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6631TRPBF IRF-IRF6631TRPBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
More results

Description similaire - IRF6631TR1PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6617PBF IRF-IRF6617PBF Datasheet
244Kb / 9P
   Lead-Free (Qualified up to 260째C Reflow)
IRF6618TR1PBF IRF-IRF6618TR1PBF Datasheet
250Kb / 9P
   Lead-Free (Qualified up to 260째C Reflow)
logo
P-tec Corporation
PLC3528-WCR08 P-TEC-PLC3528-WCR08 Datasheet
4Mb / 14P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDNW3 P-TEC-PLC3020A-YDNW3 Datasheet
2Mb / 16P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDPW1 P-TEC-PLC3020A-YDPW1 Datasheet
2Mb / 17P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDWW1 P-TEC-PLC3020A-YDWW1 Datasheet
1Mb / 17P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDWW2 P-TEC-PLC3020A-YDWW2 Datasheet
2Mb / 17P
   Compatible lead-free reflow solderingprocess
PLC3020B-YDPW2 P-TEC-PLC3020B-YDPW2 Datasheet
2Mb / 15P
   Compatible lead-free reflow solderingprocess
PLC3528B-WDY05 P-TEC-PLC3528B-WDY05 Datasheet
780Kb / 15P
   Compatible lead-free reflow solderingprocess
logo
Panasonic Semiconductor
EEEFP0J220AR PANASONIC-EEEFP0J220AR_V01 Datasheet
2Mb / 11P
   High temperature Lead-Free reflow
06-Dec-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com