Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCF10A40 Fiches technique(PDF) 1 Page - Nihon Inter Electronics Corporation

No de pièce TCF10A40
Description  FRED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NIEC [Nihon Inter Electronics Corporation]
Site Internet  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

TCF10A40 Fiches technique(HTML) 1 Page - Nihon Inter Electronics Corporation

  TCF10A40 Datasheet HTML 1Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10A Avg.
Volts
FRED
■OUTLINE DRAWING(mm)
■定格・特性曲線
400
TCF10A40
FIG.1
FIG.4
FIG.2
FIG.3
■電気的・熱的特性 Electrical/ Thermal Characteristics
■最大定格 Maximum Ratings
■APPROX. NET WEIGHT:1.45g
Item
Conditions
Min.
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM,
一素子あたり 
Per Diode
逆回復時間
Reverse Recovery Time
IFM=5A, −di/dt=50 A/μs, Tj=25℃
Typ.
Max.
Unit
30
μA
45
ns
Symbol
I RM
trr
ピーク順電圧
Peak Forward Voltage
V FM
Tj=25℃, IFM=5A,
一素子あたり 
Per Diode
1.25
V
R th(j-c)
接合部・ケース間
Junction to Case
3
℃/W
熱抵抗
Thermal Resistance
Item
Symbol
Conditions
平均整流電流
Average Rectified Forward Current
I O
Tc=112℃
10
実効順電流
R.M.S. Forward Current
I F(RMS)
11
保存温度範囲
Storage Temperature Range
T stg
−40∼+150
サージ順電流
Surge Forward Current
I FSM
80
50Hz正弦全波,1サイクル,非くり返し 
50Hz Full Sine Wave,1cycle, Non-repetitive
Unit
50Hz、正弦全波、抵抗負荷
50Hz Full Sine Wave, Resistive Load
A
A
A
動作接合温度範囲
Operating Junction Temperature Range
T jw
−40∼+150
非くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RSM
440
V
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RRM
400
V


Numéro de pièce similaire - TCF10A40

FabricantNo de pièceFiches techniqueDescription
logo
Nihon Inter Electronics...
TCF10A40 NIEC-TCF10A40 Datasheet
357Kb / 1P
   FRED
TCF10A40-11A NIEC-TCF10A40-11A Datasheet
128Kb / 1P
   FRED
TCF10A40-11A NIEC-TCF10A40-11A Datasheet
122Kb / 1P
   FRED
logo
National Instruments Co...
TCF10A40-11A NI-TCF10A40-11A_15 Datasheet
122Kb / 1P
   FRED
TCF10A40 NI-TCF10A40_15 Datasheet
357Kb / 1P
   FRED
More results

Description similaire - TCF10A40

FabricantNo de pièceFiches techniqueDescription
logo
National Instruments Co...
10DRA60_2015 NI-10DRA60_2015 Datasheet
110Kb / 1P
   FRED
10ERA60_2015 NI-10ERA60_2015 Datasheet
95Kb / 1P
   FRED
10ERB20_2015 NI-10ERB20_2015 Datasheet
107Kb / 1P
   FRED
10ERB40_2015 NI-10ERB40_2015 Datasheet
108Kb / 1P
   FRED
11EFS2_2015 NI-11EFS2_2015 Datasheet
89Kb / 1P
   FRED
20NFB60_2015 NI-20NFB60_2015 Datasheet
328Kb / 1P
   FRED
30PFB60_2015 NI-30PFB60_2015 Datasheet
250Kb / 1P
   FRED
30PRA20_2015 NI-30PRA20_2015 Datasheet
263Kb / 1P
   FRED
31DF2_2015 NI-31DF2_2015 Datasheet
91Kb / 1P
   FRED
31DF4_2015 NI-31DF4_2015 Datasheet
479Kb / 1P
   FRED
C16T20F-11A_2015 NI-C16T20F-11A_2015 Datasheet
135Kb / 1P
   FRED
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com