Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV21W-7-F Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce BAV21W-7-F
Description  SURFACE MOUNT SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV21W-7-F Fiches technique(HTML) 2 Page - Diodes Incorporated

  BAV21W-7-F Datasheet HTML 1Page - Diodes Incorporated BAV21W-7-F Datasheet HTML 2Page - Diodes Incorporated BAV21W-7-F Datasheet HTML 3Page - Diodes Incorporated BAV21W-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV19W - BAV21W
Document number: DS12024 Rev. 21 - 2
2 of 4
www.diodes.com
October 2013
© Diodes Incorporated
BAV19W - BAV21W
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
BAV19W
BAV20W
BAV21W
Unit
Non-Repetitive Peak Reverse Voltage
VRM
120
200
250
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current
IFM
400
mA
Average Rectified Output Current
IO
200
mA
Non-Repetitive Peak Forward Surge Current
@t = 1.0ms
@t = 1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Surge Current
IFRM
625
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
250
mW
Thermal Resistance Junction to Ambient Air (Note 6)
RJA
500
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
BAV19W
BAV20W
BAV21W
V(BR)R
120
200
250
V
IR = 100A
Forward Voltage
VFM
1.0
1.25
V
IF = 100mA
IF = 200mA
Peak Reverse Current
@ Rated DC Blocking Voltage (Note 5)
IRM
100
15
nA
μA
TJ = +25°C
TJ = +100°C
Total Capacitance
CT

5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR, RL = 100W
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Part mounted on FR-4 PC board with minimum recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf
50
100
150
200
0
0
T AMBIENT TEMPERATURE (ºC)
Fig. 1 Power Derating Curve
A
300
250
25
50
75
100
125
150
Note 2
0.001
0.01
0.1
1
0
0.4
0.2
0. 6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
0.8
1.2
1.0
1.4


Numéro de pièce similaire - BAV21W-7-F

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAV21W-7-F DIODES-BAV21W-7-F Datasheet
83Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 16 - 2
BAV21W-7-F DIODES-BAV21W-7-F Datasheet
79Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 20- 2
BAV21W-7-F DIODES-BAV21W-7-F Datasheet
127Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
BAV21W-7-F DIODES-BAV21W-7-F Datasheet
286Kb / 5P
   SURFACE MOUNT SWITCHING DIODE
More results

Description similaire - BAV21W-7-F

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com