Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT721A Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BAT721A
Description  Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT721A Fiches technique(HTML) 5 Page - NXP Semiconductors

  BAT721A Datasheet HTML 1Page - NXP Semiconductors BAT721A Datasheet HTML 2Page - NXP Semiconductors BAT721A Datasheet HTML 3Page - NXP Semiconductors BAT721A Datasheet HTML 4Page - NXP Semiconductors BAT721A Datasheet HTML 5Page - NXP Semiconductors BAT721A Datasheet HTML 6Page - NXP Semiconductors BAT721A Datasheet HTML 7Page - NXP Semiconductors BAT721A Datasheet HTML 8Page - NXP Semiconductors BAT721A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1PS76SB21_BAT721_SER_6
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 06 — 21 December 2006
5 of 11
NXP Semiconductors
1PS76SB21; BAT721 series
Schottky barrier diodes in small packages
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Reverse current as a function of reverse
voltage; typical values
Tamb =25 °C; f = 1 MHz
Fig 3.
Diode capacitance as a function of reverse voltage; typical values
006aaa689
1
10
102
103
IF
(mA)
10−1
VF (mV)
0
600
400
200
(1)
(2)
(3)
(4)
006aaa690
IR
(mA)
VR (V)
040
30
10
20
10−4
10−2
1
10
10−5
10−3
10−1
10−6
(1)
(2)
(3)
(4)
40
30
VR (V)
Cd
(pF)
010
20
102
10
1
mbk574


Numéro de pièce similaire - BAT721A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAT721A PHILIPS-BAT721A Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
logo
Nexperia B.V. All right...
BAT721A NEXPERIA-BAT721A Datasheet
193Kb / 8P
   40 V, 200 mA Schottky barrier dual diode
1 October 2022
BAT721A NEXPERIA-BAT721A Datasheet
655Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06 - 21 December 2006
BAT721A-Q NEXPERIA-BAT721A-Q Datasheet
193Kb / 8P
   40 V, 200 mA Schottky barrier dual diode
24 November 2022
logo
Pan Jit International I...
BAT721AC PANJIT-BAT721AC Datasheet
173Kb / 5P
   SCHOTTKY BARRIER (DOUBLE) DIODES
More results

Description similaire - BAT721A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAT54C.215 NXP-BAT54C.215 Datasheet
302Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 5-5 October 2012
BAT54AW.115 NXP-BAT54AW.115 Datasheet
287Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a very small SOT323
Rev. 3-20 November 2012
PMEG6002EB115 NXP-PMEG6002EB115 Datasheet
74Kb / 10P
   Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers with an integrated guard ring for stress protection, encapsulated in ultra small and flat lead Surface-Mounted Device (SMD) plastic packages
Rev. 01-24 November 2006
PMEG3050BEP PHILIPS-PMEG3050BEP Datasheet
265Kb / 13P
   Planar MEGA Schottky barrier rectifier with an integrated guard ring for stress protection
Rev. 01-28 October 2009
PMEG3010EP115 NXP-PMEG3010EP115 Datasheet
97Kb / 13P
   Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in a SOD128 small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 01-30 December 2008
BAS316.115 NXP-BAS316.115 Datasheet
150Kb / 20P
   High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
Rev. 05-25 August 2008
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
Nexperia B.V. All right...
11PS76SB21_SER NEXPERIA-11PS76SB21_SER Datasheet
655Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06 - 21 December 2006
logo
NXP Semiconductors
1PS76SB21_15 PHILIPS-1PS76SB21_15_15 Datasheet
93Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06-21 December 2006
PDTA114EU.115 NXP-PDTA114EU.115 Datasheet
728Kb / 17P
   PNP Resistor-Equipped Transistor (RET) family in small Surface-Mounted Device (SMD) plastic packages.
Rev. 10-21 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com