Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMB-141N Fiches technique(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

No de pièce SMB-141N
Description  Surge Absorbers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Site Internet  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

SMB-141N Fiches technique(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  SMB-141N Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD SMB-141N Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
Surge Absorbers
SMB Series
1000A
1 Application:
Fast Delivery Time
·For instantaneous over-voltage protection to ADSL,ISDN,MODEM,FAX,TEL,Power Supplies,Alarm systems.
·For instantaneous over-voltage protection to RS485,RS232 port, CATV,video transceiver.
·For instantaneous over-voltage protection to ammeter,water meter auto admin system, etc
2 Features
·Small capacitance and excellent insulation resistance(100MΩ min).
·Small size,No polarity.No dark effect.
·Low electrode capacitance(1pF max).
·Quick response for electrostatic,surge voltage and low limiting voltage.
·Stable for repeated discharge test conditions.
·Operating temperature: -40℃ ~ +85℃. Storage temperature: -40℃ ~ +125℃.
3 Electrical Characteristics
Part Number
DC Spark-Over Voltage Vs(V)
Nominal value (min-max)
Insulation Resistance
Capacitance
of
electrostatic
Surge current
capacity 8/20us
Surge Life
Test
Test voltage IR (MΩ)
1KHz-6V(PF)
SMB-141N
140V
(98V-182V)
DC100V
>1000MΩ
1PF(MAX)
1000A
8/20us
1000A
10times
SMB-181N
180V
(126V-234V)
SMB-201M
200V
(160V-240V)
SMB-251M
250V
(200V-300V)
SMB-301M
300V
(240V-360V)
SMB-401M
400V
(320V-480V)
SMB-471M
470V
400V-560V)
SMB-501M
500V
(400V-600V)
DC250V
>1000MΩ
SMD-901M
900V
(720V-1080V)
SMB-901M
900V
(720V-1080V)
4 Dimension(mm):
Model Series
SMB
Φ2.6±0.3
4.2±0.4
0.4±0.2
Φ2.7±0.3
0.5 Max
1
Revised:February 25,2014
www.huaandz.com


Numéro de pièce similaire - SMB-141N

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
SMB-141N SUNMATE-SMB-141N Datasheet
1Mb / 2P
   SURFACE MOUNT GLASS TUBE
logo
HuaXinAn Electronics CO...
SMB-141N HUAXINAN-SMB-141N Datasheet
294Kb / 5P
   SMB Series
SMB-141N HUAXINAN-SMB-141N_V01 Datasheet
294Kb / 5P
   SMB Series
More results

Description similaire - SMB-141N

FabricantNo de pièceFiches techniqueDescription
logo
HuaXinAn Electronics CO...
GSS HUAXINAN-GSS Datasheet
145Kb / 2P
   Surge Absorbers
JSE-141N-3167 HUAXINAN-JSE-141N-3167 Datasheet
599Kb / 6P
   Surge Absorbers
JSE-141N-2040 HUAXINAN-JSE-141N-2040 Datasheet
511Kb / 5P
   Surge Absorbers
YP-141N HUAXINAN-YP-141N Datasheet
318Kb / 6P
   Surge Absorbers
YS-141N HUAXINAN-YS-141N Datasheet
340Kb / 6P
   Surge Absorbers
logo
KOA Speer Electronics, ...
SA05CT52A301N KOA-SA05CT52A301N Datasheet
360Kb / 2P
   surge absorbers
logo
HuaXinAn Electronics CO...
GSE HUAXINAN-GSE Datasheet
144Kb / 2P
   Surge Absorbers
GS41 HUAXINAN-GS41 Datasheet
166Kb / 2P
   Surge Absorbers
GS37-141N HUAXINAN-GS37-141N_V01 Datasheet
318Kb / 6P
   Surge Absorbers
GS41-141N HUAXINAN-GS41-141N_V01 Datasheet
339Kb / 6P
   Surge Absorbers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com