Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A-4001Y Fiches technique(PDF) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

No de pièce A-4001Y
Description  4.0 INCH SINGLE DIGIT DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Site Internet  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-4001Y Fiches technique(HTML) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-4001Y Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001Y Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001Y Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001Y Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001Y Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001Y Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001Y Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001Y Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001Y Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
4.0
INCH
SINGLE
DIGIT
DISPLAY
A-4001Y
REV:A / 0
—SOLDERING
METHOD
SOLDERING CONDITIONS
REMARK
DIP
SOLDERING
Bath temperature: 260 max
Immersion time: within 5 sec
Solder no closer than 2mm from
the base of the package
— Using soldering flux,
” RESIN FLUX”
is recommended.
SOLDERING
IRON
Soldering iron: 30W or smaller
Temperature at tip of iron: 260
or lower
Soldering time: within 5 sec.
— During soldering, take care not to
press the tip of iron against the
PIN.
(To prevent heat from being
transferred directly to the PIN.)
1) When soldering the PIN of Display in a jig that the package is fixed with a panel (See fIg.1), be
careful not to stress the PIN with iron tip. When soldering Display in a condition that the package
is fixed with a panel, be careful not to cling and stress the surface of Display on the panel to avoid
damaging the Display.
Regarding solution in the tinning oven for product-tinning, compound sub-solution made of tin &
copper and silver is proposed with the temperature of Celsius 260. The proportion of the
alloyed solution is tin 95.5: copper 3.5: silver 0.5 by percentage. The time of tinning is constantly
3 seconds.
DRAWING NO. : DS-11-09-0088
DATE : 2009-04-03
Page : 6
Fig.1
Release
by
PARALIGHTDCC


Numéro de pièce similaire - A-4001Y

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
A-4001Y ETC-A-4001Y Datasheet
79Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Description similaire - A-4001Y

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSS-4018VM9 CHINASEMI-CSS-4018VM9 Datasheet
218Kb / 7P
   4.0 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-4001G PARALIGHT-A-4001G Datasheet
256Kb / 12P
   4.0 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-4012D CHINASEMI-CSS-4012D Datasheet
194Kb / 6P
   4.0 Inch Single Digit Display
CSS-4012E CHINASEMI-CSS-4012E Datasheet
196Kb / 6P
   4.0 Inch Single Digit Display
CSS-4012G CHINASEMI-CSS-4012G Datasheet
197Kb / 6P
   4.0 Inch Single Digit Display
CSS-4012M9 CHINASEMI-CSS-4012M9 Datasheet
196Kb / 6P
   4.0 Inch Single Digit Display
CSS-4012S CHINASEMI-CSS-4012S Datasheet
195Kb / 6P
   4.0 Inch Single Digit Display
CSS-4018SG CHINASEMI-CSS-4018SG Datasheet
225Kb / 7P
   4.0 Inch Single Digit Display
CSS-4018EG CHINASEMI-CSS-4018EG Datasheet
224Kb / 7P
   4.0 Inch Single Digit Display
CSS-4012V9 CHINASEMI-CSS-4012V9 Datasheet
190Kb / 6P
   4.0 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com