Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A-2301E Fiches technique(PDF) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

No de pièce A-2301E
Description  2.24 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Site Internet  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-2301E Fiches technique(HTML) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-2301E Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301E Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301E Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301E Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301E Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301E Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301E Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301E Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301E Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2.24
INCH
SINGLE
DIGIT
DISPLAY
A-2301E B/W
REV:A / 0
2) Use Display with holder made of resin (Fig.4) to position the PIN.
—FORMED LEAD
1) The PIN should be bent at a point located at least 2mm away from the package. Bending should
be performed with base fixed means of a jig or pliers (Fig.5)
2) Forming PIN should be carried our prior to soldering and never during or after soldering.
3) Form the PIN of ensure alignment between the PIN and the hole on board, so that stress against
the Display is prevented. (Fig.6)
DRAWING NO. : DS-11-10-0105G
DATE : 2010-12-03
Page : 7
Fig.5
Fig.6
Fig.4
Release
by
PARALIGHTDCC


Numéro de pièce similaire - A-2301E

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
A-2301E ETC-A-2301E Datasheet
71Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Description similaire - A-2301E

FabricantNo de pièceFiches techniqueDescription
logo
PARA LIGHT ELECTRONICS ...
C-2301UB-A PARALIGHT-C-2301UB-A Datasheet
197Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301SRD-A PARALIGHT-A-2301SRD-A Datasheet
198Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
C-2301Y PARALIGHT-C-2301Y Datasheet
208Kb / 11P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301UB PARALIGHT-A-2301UB Datasheet
198Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301G-A PARALIGHT-A-2301G-A Datasheet
200Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
C-2301E PARALIGHT-C-2301E Datasheet
213Kb / 11P
   2.24 INCH SINGLE DIGIT DISPLAY
C-2301G PARALIGHT-C-2301G Datasheet
210Kb / 11P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301Y PARALIGHT-A-2301Y Datasheet
196Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
logo
Everlight Electronics C...
ELS-2326SURWA-S530-A3 EVERLIGHT-ELS-2326SURWA-S530-A3 Datasheet
130Kb / 7P
   2.24" Single Digit Displays
ELS-2326USOWA EVERLIGHT-ELS-2326USOWA Datasheet
121Kb / 6P
   2.24 Single Digit Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com