Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A-1801Y Fiches technique(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

No de pièce A-1801Y
Description  1.8 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Site Internet  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-1801Y Fiches technique(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-1801Y Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-1801Y Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-1801Y Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-1801Y Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-1801Y Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-1801Y Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-1801Y Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-1801Y Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-1801Y Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1.8
INCH
SINGLE
DIGIT
DISPLAY
A-1801Y G/W
REV:A / 0
FEATURES
Û
45.00mm (1.8 inch ) DIGIT HEIGHT
Û
COMMON ANODE
Û
I.C. COMPATIBLE
Û
LOW POWER CONSUMPTION
Û
Pb FREE PRODUCTS
Û
GRAY FACE, WHITE SEGMENTS
Raw Material : GaAsP/GaP
ABSOLUTE MAXIMUM RATING : ( Ta = 25
BC )
SYMBOL
PARAMETER
YELLOW
UNIT
PD
Power Dissipation Per Segment
170
mW
VR
Reverse Voltage Per Segment(DP)
15(5)
V
IAF
Continuous Forward Current Per Segment
20
mA
IPF
Peak Forward Current Per Segment
(1/10 Duty Cycle,0.1ms Pulse Width)
80
mA
Derating
Linear From 25
BC Per Segment
0.27
mA/
BC
Topr
Operating Temperature Range
-35BC to 85BC
Tstg
Storage Temperature Range
-35BC to 85BC
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25
BC )
SYMBOL
PARAMETER
TEST
CONDITION
MIN.
TYP.
MAX. UNIT
VF
Forward Voltage ,Any Segment(DP)
IF = 20mA
6.3(2.1) 8.4(2.8)
V
IR
Reverse Current ,Any Segment(DP)
VR = 15 (5)V
100
mA
lP
Peak Emission Wavelength
IF = 20mA
583
nm
lD
Dominant Wavelength
IF = 20mA
585
nm
Δl
Spectral Line Half-Width
IF = 20mA
30
nm
IV
Luminous Intensity Per Segment
IF = 10mA
2.0
5.2
mcd
DRAWING NO. : DS-11-07-0011
DATE : 2007-01-23
Page : 3
HD-R/RD014
Release
by
PARALIGHTDCC


Numéro de pièce similaire - A-1801Y

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
A-1801Y ETC-A-1801Y Datasheet
71Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Description similaire - A-1801Y

FabricantNo de pièceFiches techniqueDescription
logo
PARA LIGHT ELECTRONICS ...
C-1801G PARALIGHT-C-1801G Datasheet
196Kb / 10P
   1.8 INCH SINGLE DIGIT DISPLAY
A-1801G PARALIGHT-A-1801G Datasheet
259Kb / 12P
   1.8 INCH SINGLE DIGIT DISPLAY
A-1801SR PARALIGHT-A-1801SR Datasheet
195Kb / 10P
   1.8 INCH SINGLE DIGIT DISPLAY
C-1801SR PARALIGHT-C-1801SR Datasheet
151Kb / 10P
   1.8 INCH SINGLE DIGIT DISPLAY
logo
LIGITEK electronics co....
LSD1805-62-XX LIGITEK-LSD1805-62-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-64-XX LIGITEK-LSD1805-64-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-66-XX LIGITEK-LSD1805-66-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-65-XX-PF LIGITEK-LSD1805-65-XX-PF Datasheet
149Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-67-XX LIGITEK-LSD1805-67-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-61-XX LIGITEK-LSD1805-61-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com