Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMOC3063 Fiches technique(PDF) 6 Page - COSMO Electronics Corporation

No de pièce KMOC3063
Description  5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3063 Fiches technique(HTML) 6 Page - COSMO Electronics Corporation

Back Button KMOC3063 Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3063 Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3063 Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3063 Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3063 Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3063 Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3063 Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3063 Datasheet HTML 9Page - COSMO  Electronics Corporation KMOC3063 Datasheet HTML 10Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P42002.1
- 6 -
http://www.cosmo-ic.com
cosmo
KMOC306X Series
5PIN ZERO-CROSS TRIAC DRIVER
PHOTOCOUPLER
Recommended Soldering Conditions
(a) Infrared reflow soldering:
Peak reflow soldering:
Time of peak reflow temperature:
Time of temperature higher than 230℃:
Time to preheat temperature from 180~190℃:
Time(s) of reflow:
Flux:
260℃ or below (package surface temperature)
10 sec
30-60 sec
60-120 sec
Two
Rosin flux containing small amount of chlorine (The
flux with a maximum chlorine content of 0.2 Wt% is
recommended.)
Recommended Temperature Profile of Infrared Reflow
18 0 ℃
19 0 ℃
23 0 ℃
26 0 ℃
60 -1 2 0 s e c
30 -6 0 s e c
t (s )
1 0 se c M a x.
(b) Wave soldering:
Temperature:
Time:
Preheating conditions:
Time(s) of reflow:
Flux:
260℃ or below (molten solder temperature)
10 seconds or less
120℃ or below (package surface temperature)
One
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% is recommended.)
(c) Cautions:
Fluxes:
Avoid removing the residual flux with freon-based and chlorine-based
cleaning solvent.
Avoid shorting between portion of frame and leads.


Numéro de pièce similaire - KMOC3063

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KMOC3063 COSMO-KMOC3063 Datasheet
384Kb / 2P
   ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUT
KMOC3063 COSMO-KMOC3063 Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3063H COSMO-KMOC3063H Datasheet
88Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3063H COSMO-KMOC3063H Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3063L COSMO-KMOC3063L Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results

Description similaire - KMOC3063

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X_15 Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC308X COSMO-KMOC308X_15 Datasheet
268Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC304X COSMO-KMOC304X_15 Datasheet
345Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3503 COSMO-KTLP3503_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3617 COSMO-KTLP3617_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012 COSMO-KMOC3012_15 Datasheet
254Kb / 10P
   4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3507 COSMO-KTLP3507_15 Datasheet
255Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP166J COSMO-KTLP166J_15 Datasheet
211Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP161L COSMO-KTLP161L_15 Datasheet
210Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com