Moteur de recherche de fiches techniques de composants électroniques |
|
BZW50-33B Fiches technique(PDF) 6 Page - STMicroelectronics |
|
BZW50-33B Fiches technique(HTML) 6 Page - STMicroelectronics |
6 / 8 page Package information BZW50 6/8 Doc ID 2973 Rev 5 3 Package information ● Epoxy meets UL94, V0 ● Lead-free package In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Table 4. R6 Dimensions Ref. Dimensions Millimeters Inches Min. Max. Min. Max. A 8.6 9.1 0.338 0.358 B25.4 1 Ø C 8.6 9.1 0.338 0.358 Ø D 1.2 1.3 0.047 0.051 Table 5. Marking Unidirectional order code Marking Bidirectional order code Marking BZW50-10 BZW50-10 BZW50-10B BZW50-10B BZW50-12 BZW50-12 BZW50-12B BZW50-12B BZW50-15 BZW50-15 BZW50-15B BZW50-15B BZW50-18 BZW50-18 BZW50-18B BZW50-18B BZW50-22 BZW50-22 BZW50-22B BZW50-22B BZW50-27 BZW50-27 BZW50-27B BZW50-27B BZW50-33 BZW50-33 BZW50-33B BZW50-33B BZW50-39 BZW50-39 BZW50-39B BZW50-39B BZW50-47 BZW50-47 BZW50-47B BZW50-47B BZW50-56 BZW50-56 BZW50-56B BZW50-56B BZW50-68 BZW50-68 BZW50-68B BZW50-68B BZW50-82 BZW50-82 BZW50-82B BZW50-82B BZW50-100 BZW50-100 BZW50-100B BZW50-100B BZW50-120 BZW50-120 BZW50-120B BZW50-120B BZW50-150 BZW50-150 BZW50-150B BZW50-150B BZW50-180 BZW50-180 BZW50-180B BZW50-180B ØC ØD A BB |
Numéro de pièce similaire - BZW50-33B |
|
Description similaire - BZW50-33B |