Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC-4R256FKE6D-845 Fiches technique(PDF) 10 Page - Elpida Memory

No de pièce MC-4R256FKE6D-845
Description  Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ELPIDA [Elpida Memory]
Site Internet  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R256FKE6D-845 Fiches technique(HTML) 10 Page - Elpida Memory

Back Button MC-4R256FKE6D-845 Datasheet HTML 6Page - Elpida Memory MC-4R256FKE6D-845 Datasheet HTML 7Page - Elpida Memory MC-4R256FKE6D-845 Datasheet HTML 8Page - Elpida Memory MC-4R256FKE6D-845 Datasheet HTML 9Page - Elpida Memory MC-4R256FKE6D-845 Datasheet HTML 10Page - Elpida Memory MC-4R256FKE6D-845 Datasheet HTML 11Page - Elpida Memory MC-4R256FKE6D-845 Datasheet HTML 12Page - Elpida Memory MC-4R256FKE6D-845 Datasheet HTML 13Page - Elpida Memory MC-4R256FKE6D-845 Datasheet HTML 14Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet E0094N20 (Ver. 2.0)
10
MC-4R256FKE6D
RIMM Module Current Profile
IDD
RIMM module power conditions
Note1
MAX.
Unit
IDD1
One RDRAM in Read
Note2, balance in NAP mode
-845
659.4
mA
-745
609.4
-653
549.4
IDD2
One RDRAM in Read
Note2, balance in Standby mode
-845
1260
mA
-745
1140
-653
1010
IDD3
One RDRAM in Read
Note2, balance in Active mode
-845
1575
mA
-745
1455
-653
1325
IDD4
One RDRAM in Write, balance in NAP mode
-845
749.4
mA
-745
699.4
-653
649.4
IDD5
One RDRAM in Write, balance in Standby mode
-845
1350
mA
-745
1230
-653
1110
IDD6
One RDRAM in Write, balance in Active mode
-845
1665
mA
-745
1545
-653
1425
Notes 1. Actual power will depend on individual RDRAM component specifications, memory controller and usage
patterns. Power does not include Refresh Current.
2. I/O current is a function of the % of 1’s, to add I/O power for 50 % 1’s for a x16 need to add 257 mA or 290
mA for x18 ECC module for the following : VDD = 2.5 V, VTERM = 1.8 V, VREF = 1.4 V and VDIL = VREF
0.5 V.


Numéro de pièce similaire - MC-4R256FKE6D-845

FabricantNo de pièceFiches techniqueDescription
logo
Elpida Memory
MC-4R256FKE6D-840 ELPIDA-MC-4R256FKE6D-840 Datasheet
490Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
More results

Description similaire - MC-4R256FKE6D-845

FabricantNo de pièceFiches techniqueDescription
logo
Elpida Memory
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
MC-4R256FKE6D-840 ELPIDA-MC-4R256FKE6D-840 Datasheet
490Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CEE6B NEC-MC-4R256CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
MC-4R256CPE6C NEC-MC-4R256CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256FKE8D ELPIDA-MC-4R256FKE8D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8D-840 ELPIDA-MC-4R256FKE8D-840 Datasheet
128Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S-840 ELPIDA-MC-4R256FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S ELPIDA-MC-4R256FKE8S Datasheet
126Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R512FKE6D ELPIDA-MC-4R512FKE6D Datasheet
132Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com