Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1C120000 Fiches technique(PDF) 2 Page - COSMO Electronics Corporation

No de pièce SS1C120000
Description  OUTSIDE DIMENSION : UNIT ( mm )
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

SS1C120000 Fiches technique(HTML) 2 Page - COSMO Electronics Corporation

  SS1C120000 Datasheet HTML 1Page - COSMO  Electronics Corporation SS1C120000 Datasheet HTML 2Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT SPECIFICATION
DATE: 06/10/11'
NO. 50R06008
cosmo
ELECTRONICS CORPORATION
Reed Relay:
SS1C120000
SHEET 2 OF 2
REV.
3
3.0
COIL RATINGS: (AT 20℃)
3.1
Coil resistance
500 Ω
(±10%)
3.2
Nominal coil voltage
12 VDC
3.3
Maximum Continuous voltage
20 VDC
3.4
Must operate
9 VDC
3.5
Must release
1.2 VDC
3.6
Rated current
24 mA
4.0
ELECTRONICAL CHARACTERISTICS:
4.1
Contact resistance
150 mΩ
(max)
4.2
Operate time
1.0 ms
(max)
4.3
Bounce time
2.0 ms
(max)
4.4
Release time
1.0 ms
(max)
4.5
Insulation resistance
(100 VDC open contact)
109
(min)
4.6
Power
3 VA
(max)
4.7
Switching voltage
100 VDC (max)
4.8
Switching current
0.25 A
(max)
4.9
Carry current
0.5 A
(max)
4.10 Breakdown voltage
(across open contact)
200 VDC (min)
(between coil & contact)
1000 VDC (min)
4.11 Life expectancy
(signal level)
5x107
4.12 Operating temp
-40 to 85℃
4.13 Storage temp
-50 to 125℃
4.14 Resonant frequency
3.5 KHZ
4.15 Vibration (10-2000HZ)
20 g
(max)
4.16 Minimum permissible load
100
mVDC 10uA


Numéro de pièce similaire - SS1C120000

FabricantNo de pièceFiches techniqueDescription
logo
DB Lectro Inc
SS1C100KC DBLECTRO-SS1C100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SS1C100KR DBLECTRO-SS1C100KR Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SS1C100KT DBLECTRO-SS1C100KT Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SS1C100LC DBLECTRO-SS1C100LC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SS1C100LR DBLECTRO-SS1C100LR Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
More results

Description similaire - SS1C120000

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
MK-0150 COSMO-MK-0150 Datasheet
102Kb / 2P
   OUTSIDE DIMENSION : UNIT ( mm )
C2C240001 COSMO-C2C240001 Datasheet
134Kb / 1P
   Outside Dimension : Unit(mm)
G1A090000 COSMO-G1A090000 Datasheet
115Kb / 2P
   OUTSIDE DIMENSION : UNIT ( mm )
SS1C050000 COSMO-SS1C050000 Datasheet
124Kb / 2P
   OUTSIDE DIMENSION : UNIT ( mm )
SS1A120099 COSMO-SS1A120099 Datasheet
370Kb / 2P
   OUTSIDE DIMENSION : UNIT ( mm )
C2C050001 COSMO-C2C050001 Datasheet
136Kb / 1P
   OUTSIDE DIMENSION : UNIT ( mm )
P3-1A1500 COSMO-P3-1A1500 Datasheet
31Kb / 1P
   OUTSIDE DIMENSION : UNIT ( mm )
CG1A060000 COSMO-CG1A060000 Datasheet
71Kb / 2P
   OUTSIDE DIMENSION : UNIT ( mm )
SS1A050099 COSMO-SS1A050099 Datasheet
367Kb / 2P
   OUTSIDE DIMENSION : UNIT ( mm )
C2C120001 COSMO-C2C120001 Datasheet
134Kb / 1P
   Outside Dimension : Unit(mm)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com