Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA6T82AYCAY Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce SMA6T82AYCAY
Description  Automotive 600 W Transil in SMA package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6T82AYCAY Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button SMA6T82AYCAY Datasheet HTML 3Page - STMicroelectronics SMA6T82AYCAY Datasheet HTML 4Page - STMicroelectronics SMA6T82AYCAY Datasheet HTML 5Page - STMicroelectronics SMA6T82AYCAY Datasheet HTML 6Page - STMicroelectronics SMA6T82AYCAY Datasheet HTML 7Page - STMicroelectronics SMA6T82AYCAY Datasheet HTML 8Page - STMicroelectronics SMA6T82AYCAY Datasheet HTML 9Page - STMicroelectronics SMA6T82AYCAY Datasheet HTML 10Page - STMicroelectronics SMA6T82AYCAY Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SMA6TY
Characteristics
Doc ID 17869 Rev 3
7/11
Figure 10.
Junction capacitance versus reverse
applied voltage for unidirectional
types (typical values)
Figure 11.
Junction capacitance versus
reverse applied voltage for
bidirectional types (typical values)
C(pF)
10
100
1000
10000
1
10
100
1000
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
SMA6T6V7AY
SMA6T30AY
SMA6T82AY
V (V)
R
C(pF)
10
100
1000
10000
1
10
100
1000
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
SMA6T6V7CAY
SMA6T30CAY
SMA6T82CAY
V (V)
R
Figure 12.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration
Figure 13.
Thermal resistance junction to
ambient versus copper surface
under each lead
Zth (j-a)/Rth (j-a)
0.01
0.10
1.00
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
s
tp
Printed circuit board FR4,
copper surface = 1 cm2
R
th(j-a) (°C/W)
40
50
60
70
80
90
100
110
120
130
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
printed circuit board FR4,
copper thickness = 35 µm
SCu(cm²)
Figure 14.
Leakage current versus junction
temperature (typical values)
Figure 15.
Peak forward voltage drop versus
peak forward current
(typical values)
I (nA)
R
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
150
VR=VRM
VRM > 10 V
VRM ≤ 10 V
T (°C)
j
I
FM(A)
1.E-02
1.E-01
1.E+00
1.E+01
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Tj=25 °C
Tj=125 °C
VFM(V)


Numéro de pièce similaire - SMA6T82AYCAY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SMA6T82AY STMICROELECTRONICS-SMA6T82AY Datasheet
331Kb / 11P
   Automotive 600 W Transil??in SMA package
SMA6T82AY STMICROELECTRONICS-SMA6T82AY Datasheet
644Kb / 13P
   Automotive 600 W TVS in SMA
Rev 8 - October 2020
More results

Description similaire - SMA6T82AYCAY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
   Automotive 600 W Transil in SMA package
SMA6T28CAY STMICROELECTRONICS-SMA6T28CAY Datasheet
331Kb / 11P
   Automotive 600 W Transil??in SMA package
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM6T250CAY STMICROELECTRONICS-SM6T250CAY Datasheet
238Kb / 9P
   Automotive 600 W Transil
SM6T33CAY STMICROELECTRONICS-SM6T33CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com